Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF2272QC25 Datasheet(PDF) 8 Page - LOGIC Devices Incorporated

Part # LF2272QC25
Description  Colorspace Converter/Corrector (3 x 12-bits)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2272QC25 Datasheet(HTML) 8 Page - LOGIC Devices Incorporated

  LF2272QC25 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2272QC25 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2272QC25 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2272QC25 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2272QC25 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2272QC25 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2272QC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2272QC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2272QC25 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DEVICES INCORPORATED
LF2272
Colorspace Converter/
Corrector (3 x 12-bits)
Video Imaging Products
08/16/2000–LDS.2272-I
8
0°C to +70°C — COMMERCIAL SCREENING
120-pin
ORDERING INFORMATION
Speed
25 ns
20 ns
Plastic Quad Flatpack
(Q1)
LF2272QC25
LF2272QC20
X6
X5
X4
X3
X2
X1
X0
GND
Y11
Y10
Y9
VCC
Y8
Y7
Y6
GND
Y5
Y4
Y0
VCC
Y1
Y2
Y3
GND
Z0
Z1
Z2
Z3
Z4
Z5
B4
B3
CLK
B2
B1
B0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
GND
CWE0
CWE1
KA9
KA8
KA7
KA6
KA5
KA4
KA3
KA2
KA1
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
–40°C to +85°C — COMMERCIAL SCREENING


Similar Part No. - LF2272QC25

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF227RW MPD-LF227RW Datasheet
174Kb / 2P
   Miniature SMT, 2W Wide Input Range DC/DC Converters
LF227RW MPD-LF227RW Datasheet
268Kb / 2P
   LF200RW SERIES
More results

Similar Description - LF2272QC25

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V12222A OKI-MSM54V12222A Datasheet
246Kb / 14P
   262,214 Words x 12 Bits FIELD MEMORY
logo
List of Unclassifed Man...
ADC812 ETC-ADC812 Datasheet
228Kb / 36P
   Analog to Digital Converter 8 canali 12 bits
logo
Fairchild Semiconductor
TMC2272A FAIRCHILD-TMC2272A Datasheet
177Kb / 20P
   Digital Colorspace Converter 36 Bit Color, 50 MHz
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
List of Unclassifed Man...
6ES7332-5HD01-0AB0 ETC-6ES7332-5HD01-0AB0 Datasheet
59Kb / 4P
   Analog Output Module SM 332; AO 4 x 12 bits;
logo
Elpida Memory
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-75L-E ELPIDA-EDS1232AATA-75L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS2516ADTA-75 ELPIDA-EDS2516ADTA-75 Datasheet
702Kb / 50P
   256M bits SDRAM (16M words x 16 bits)
EDS6432AFTA ELPIDA-EDS6432AFTA Datasheet
704Kb / 49P
   64M bits SDRAM (2M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com