Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMR3U-04M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMR3U-04M
Description  SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMR3U-04M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMR3U-04M Datasheet HTML 1Page - Central Semiconductor Corp CMR3U-04M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMR3U-01M
CMR3U-06M
CMR3U-02M
CMR3U-10M
CMR3U-04M
SURFACE MOUNT ULTRA FAST
RECOVERY SILICON RECTIFIER
3 AMP, 100 THRU 1000 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMR3U-01M
Series 3.0 Amp Surface Mount Silicon Ultra Fast
Recovery Rectifier is a high quality, well constructed,
highly reliable component designed for use in all types
of commercial, industrial, entertainment, computer, and
automotive applications. To order devices on 12mm
Tape and Reel (3000/13” Reel), add TR13 suffix to part
number.
FEATURES:
Low cost
High reliability
Glass passivated chip
Special selections available
Superior lot to lot consistency
“C” bend construction provides strain relief
when mounted on PC board
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL CMR3U CMR3U CMR3U CMR3U CMR3U
-01M
-02M
-04M
-06M
-10M
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
200
400
600
1000
V
DC Blocking Voltage
VR
100
200
400
600
1000
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
700
V
Average Forward Current (TA=75°C)
IO
3.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
100
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
ΘJL
30
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=Rated VRRM
5.0
µA
IR
VR=Rated VRRM, TA=100°C
500
µA
VF
IF=3.0A (CMR3U-01M, -02M)
1.00
V
VF
IF=3.0A (CMR3U-04M)
1.25
V
VF
IF=3.0A (CMR3U-06M)
1.40
V
VF
IF=3.0A (CMR3U-10M)
2.00
V
trr
IF=0.5A, IR=1.0A, Irr=0.25A (CMR3U-01M, -02M, -04M)
50
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (CMR3U-06M, -10M)
100
ns
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
SMB CASE
R3 (8-February 2010)
www.centra lsemi.com


Similar Part No. - CMR3U-04M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR3U-04M CENTRAL-CMR3U-04M Datasheet
219Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS
CMR3U-04M CENTRAL-CMR3U-04M Datasheet
296Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3 AMP
More results

Similar Description - CMR3U-04M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CUDD8-02 CENTRAL-CUDD8-02_15 Datasheet
546Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER
CUD3-02 CENTRAL-CUD3-02_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
US1AB YENYO-US1AB Datasheet
697Kb / 2P
   Surface Mount Ultra Fast Recovery Rectifier
US1A YENYO-US1A Datasheet
523Kb / 2P
   Surface Mount Ultra Fast Recovery Rectifier
logo
TAITRON Components Inco...
MFPH05S TAITRON-MFPH05S Datasheet
142Kb / 3P
   Surface Mount Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
US2A YENYO-US2A Datasheet
667Kb / 2P
   Surface Mount Ultra Fast Recovery Rectifier
logo
Pan Jit International I...
FRG05W PANJIT-FRG05W Datasheet
419Kb / 5P
   Surface Mount Ultra Fast Recovery Rectifier
July 17,2020 FRG05W-REV.00
logo
YENYO TECHNOLOGY Co., L...
US3A YENYO-US3A Datasheet
667Kb / 2P
   Surface Mount Ultra Fast Recovery Rectifier
logo
Pan Jit International I...
US1AAFC PANJIT-US1AAFC Datasheet
457Kb / 5P
   Surface Mount Ultra Fast Recovery Rectifier
July 4,2020 US1AAFC_SERIES-REV.00
logo
Central Semiconductor C...
CMR5U-02 CENTRAL-CMR5U-02_10 Datasheet
280Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 5 AMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com