Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBRLD1-02 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CBRLD1-02
Description  SURFACE MOUNT LOW PROFILE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBRLD1-02 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CBRLD1-02_15 Datasheet HTML 1Page - Central Semiconductor Corp CBRLD1-02_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CBRLD1 SERIES
SURFACE MOUNT
LOW PROFILE
SILICON BRIDGE RECTIFIER
1 AMP, 200 THRU 1000 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CBRLD1 series
is a full wave silicon bridge rectifier mounted in a low
profile epoxy surface mount molded case, utilizing
glass passivated chips.
MARKING: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
FEATURES:
• Low leakage current (10μA MAX @ VRRM)
• Low profile case (1.45mm MAX)
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CBRLD1
SYMBOL
-02
-04
-06
-08
-10
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
800
1000
V
DC Blocking Voltage
VR
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
140
280
420
560
700
V
Average Forward Current
IO
1.0
A
Peak Forward Surge Current (tp=8.3ms)
IFSM
30
A
Operating & Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
Thermal Resistance
ΘJA
95
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=VRRM
10
μA
VF
IF=1.0A
1.0
V
CJ
VR=4.0V, f=1.0MHz
10
pF
APPLICATIONS:
• Solid State Lighting (SSL)
• Power supply input rectification
• Steering diode array
• Device is Halogen Free by design
LPDIP CASE
R1 (18-March 2012)
www.centr a lsemi.com


Similar Part No. - CBRLD1-02_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBRLD1-02 CENTRAL-CBRLD1-02 Datasheet
527Kb / 2P
   SURFACE MOUNT LOW PROFILE SILICON BRIDGE RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
More results

Similar Description - CBRLD1-02_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBRLDSH1-40 CENTRAL-CBRLDSH1-40 Datasheet
524Kb / 2P
   SURFACE MOUNT LOW PROFILE 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-60 CENTRAL-CBRLDSH2-60 Datasheet
532Kb / 2P
   SURFACE MOUNT LOW PROFILE 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-100 CENTRAL-CBRLDSH2-100 Datasheet
537Kb / 2P
   SURFACE MOUNT LOW PROFILE 2 AMP SILICON SCHOTTKY BRIDGE RECTIFIER
CMFBR-6F CENTRAL-CMFBR-6F_15 Datasheet
431Kb / 2P
   SURFACE MOUNT SILICON BRIDGE RECTIFIER
CMKBR-6F CENTRAL-CMKBR-6F_15 Datasheet
495Kb / 2P
   SURFACE MOUNT SILICON BRIDGE RECTIFIER
CMFBR-6F CENTRAL-CMFBR-6F Datasheet
113Kb / 2P
   SURFACE MOUNT SILICON BRIDGE RECTIFIER
CMKBR-6F CENTRAL-CMKBR-6F_10 Datasheet
495Kb / 2P
   SURFACE MOUNT SILICON BRIDGE RECTIFIER
CMFBR-6F CENTRAL-CMFBR-6F_10 Datasheet
431Kb / 2P
   SURFACE MOUNT SILICON BRIDGE RECTIFIER
CBR1U-D010S CENTRAL-CBR1U-D010S_15 Datasheet
408Kb / 2P
   SURFACE MOUNT SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
DB101-SPT CHENMKO-DB101-SPT Datasheet
105Kb / 2P
   SILICON SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com