Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMT100-140 Datasheet(PDF) 2 Page - Littelfuse

Part # SMT100-140
Description  ELECTRICAL CHARACTERISTICS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMT100-140 Datasheet(HTML) 2 Page - Littelfuse

  SMT100-140 Datasheet HTML 1Page - Littelfuse SMT100-140 Datasheet HTML 2Page - Littelfuse SMT100-140 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
52
www .littelfuse .com
SMT100
Note 1: Measured @ 1V bias, 1MHZ.
All parameters are tested using a FET TEST
TM model 3600.
ELECTRICAL CHARACTERISTICS (Tamb 25°C)
ABSOLUTE MAXIMUM RATINGS (Tamb 25°C)
THERMAL RESISTANCE
SYMBOL
PARAMETER
SYMBOL
PARAMETER
V
RM
Stand-off Voltage
V
RO
Breakover Voltage
I
RM
Leakage Current at Stand-off Voltage
I
H
Holding current
V
R
Continuous Reverse Voltage
I
BO
Breakover Current
V
BR
Breakdown Voltage
I
PP
Peak pulse Current
C
Capacitance
I
R
Continuous Reverse Current
SYMBOL
PARAMETER
VALUE
UNIT
R
TH (J-I)
Junction to leads
20
°C/W
R
TH (J-I)
Junction to ambient on printed circuit
100
°C/W
(with standard footprint dimensions)
SYMBOL
PARAMETER
VALUE
UNIT
I
PP
Peak pulse Current:
10/1000µS (open circuit voltage waveform 1kV 10/1000µS)
100
A
5/310µS (open circuit voltage waveform 4kV 10/700µS)
150
A
8/20µS (open circuit voltage waveform 4kV 1.2/50µS)
250
A
2/10µS (open circuit voltage waveform 2.5kV 2/10µS)
500
A
I
TSM
Non-repetitive surge peak on-state current
50Hz
55
A
F = 50Hz
60Hz
60
A
Non-repetitive surge peak on-state current
0.2s
25
A
F = 50Hz
2s
12
A
T
L
Maximum lead temperature range
260
°C
T
stg
Storage temperature range
-55 to +150
°C
T
j
Maximum junction temperature
150
°C
Type
SMT100-35
SMT100-65
SMT100-120
SMT100-140
SMT100-200
SMT100-230
SMT100-270
Marking
Laser
B035
B065
B120
B140
B200
B230
B270
IRM @ VRM
MAX
(µA)
(V)
IRM @ VR
MAX
(µA)
(V)
35
65
120
140
200
230
270
50
50
50
50
50
50
50
800
800
800
800
800
800
800
55
80
160
200
265
300
350
32
55
110
120
170
200
230
2
2
2
2
2
2
2
VBO @ IBO
MAX
(V)
(mA)
IH
MIN
(Note 1)
(mA)
150
150
150
150
150
150
150
C
MAX
(pF)
180
160
140
140
130
120
120


Similar Part No. - SMT100-140

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SMT100-1A FRONTIER-SMT100-1A Datasheet
115Kb / 2P
   Surface Mount Transformer/Inductor
SMT100-1A-LFR FRONTIER-SMT100-1A-LFR Datasheet
115Kb / 2P
   Surface Mount Transformer/Inductor
SMT100-1MA FRONTIER-SMT100-1MA Datasheet
115Kb / 2P
   Surface Mount Transformer/Inductor
SMT100-1MA-LFR FRONTIER-SMT100-1MA-LFR Datasheet
115Kb / 2P
   Surface Mount Transformer/Inductor
More results

Similar Description - SMT100-140

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5738A NJSEMI-1N5738A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5744A NJSEMI-1N5744A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5754A NJSEMI-1N5754A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5968 NJSEMI-1N5968 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com