Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60R375 Datasheet(PDF) 2 Page - Littelfuse

Part # 60R375
Description  Radial Leaded PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

60R375 Datasheet(HTML) 2 Page - Littelfuse

  60R375 Datasheet HTML 1Page - Littelfuse 60R375 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Radial Leaded PTC
60R Series
Resettable PTCs
255
www .littelfuse .com
6
Part Number
‘A’ (Max.)
‘B’ (Max.)
‘C’ (Typ.)
60R010
7.37 (0.29)
12.7 (0.50)
5.08 (0.20)
60R017
7.37 (0.29)
12.7 (0.50)
5.08 (0.20)
60R020
7.37 (0.29)
12.19 (0.48)
5.08 (0.20)
60R025
7.37 (0.29)
12.7 (0.50)
5.08 (0.20)
60R030
7.37 (0.29)
12.95 (0.51)
5.08 (0.20)
60R040
7.62 (0.30)
13.46 (0.53)
5.08 (0.20)
60R050
7.62 (0.30)
13.72 (0.54)
5.08 (0.20)
60R065
9.65 (0.38)
14.48 (0.57)
5.08 (0.20)
60R075
10.41 (0.41)
15.24 (0.60)
5.08 (0.20)
60R090
11.68 (0.46)
15.75 (0.62)
5.08 (0.20)
60R110
12.95 (0.51)
18.0 (0.71)
5.08 (0.20)
60R135
14.48 (0.57)
19.56 (0.77)
5.08 (0.20)
60R160
16.26 (0.64)
21.34 (0.84)
5.08 (0.20)
60R185
17.78 (0.70)
22.86 (0.90)
5.08 (0.20)
60R250
21.34 (0.84)
26.42 (1.04)
10.16 (0.40)
60R300
24.89 (0.98)
29.97 (1.18)
10.16 (0.40)
60R375
28.45 (1.12)
33.53 (1.32)
10.16 (0.40)
MARKING
A
C
B
D
E
Dimension ‘D’ is 0.30" Minimum
Dimension ‘E’ is 0.12" Maximum
Note: Stand-offs only used for 60R010-60R090
500
100
10
1
0.1
0.05
0.01
0.1
10
100
1000
1
CURRENT IN AMPERES
Average Time Current Curves
Part
Ihold
Itrip
Vmax
Imax
Pd max.
Current
Time
RIL
RAT
Number
(A)
(A)
(Vdc)
(A)
(W)
(A)
(Sec)
(W)
(W)
60R010
0.10
0.20
60
40
0.38
0.50
4.0
2.50
7.50
60R017
0.17
0.34
60
40
0.48
0.85
3.0
3.30
8.00
60R020
0.20
0.40
60
40
0.41
1.00
2.2
1.83
4.40
60R025
0.25
0.50
60
40
0.45
1.25
2.5
1.25
3.00
60R030
0.30
0.60
60
40
0.49
1.50
3.0
0.88
2.10
60R040
0.40
0.80
60
40
0.56
2.00
3.8
0.55
1.29
60R050
0.50
1.00
60
40
0.77
2.50
4.0
0.50
1.17
60R065
0.65
1.30
60
40
0.88
3.25
5.3
0.31
0.72
60R075
0.75
1.50
60
40
0.92
3.75
6.3
0.25
0.60
60R090
0.90
1.80
60
40
0.99
4.50
7.2
0.20
0.47
60R110
1.10
2.20
60
40
1.50
5.50
8.2
0.15
0.38
60R135
1.35
2.70
60
40
1.70
6.75
9.6
0.12
0.30
60R160
1.60
3.20
60
40
1.90
8.00
11.4
0.09
0.22
60R185
1.85
3.70
60
40
2.10
9.25
12.6
0.08
0.19
60R250
2.50
5.00
60
40
2.50
12.50
15.6
0.05
0.13
60R300
3.00
6.00
60
40
2.80
15.00
19.8
0.04
0.10
60R375
3.75
7.50
60
40
3.20
18.75
24.0
0.03
0.08
Resistance
Ihold
=
Hold Current: maximum current device will sustain for 4 hours without tripping in 20°C still air.
Itrip
=
Trip Current: minimum current at which the device will trip in 20°C still air.
Vmax
=
Maximum voltage device can withstand without damage at rated current (Imax)
Imax
=
Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pd
=
Power dissipated from device when in the tripped state at 20°C still air.
RIL
=
Minimum resistance of device in initial (un-soldered) state.
RAT
=
Maximum resistance of device at 20°C measured one hour after tripping.
CAUTION: Operation beyond the specified ratings may result in damage and possible arcing and flame.
ORDERING INFORMATION:
Dimensions (Inches)
Maximum Time
To Trip
Previous


Similar Part No. - 60R375

ManufacturerPart #DatasheetDescription
logo
Littelfuse
60R375 LITTELFUSE-60R375 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R375 LITTELFUSE-60R375 Datasheet
210Kb / 7P
   Radial Leaded
60R375XH LITTELFUSE-60R375XH Datasheet
210Kb / 7P
   Radial Leaded
More results

Similar Description - 60R375

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA Datasheet
334Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com