Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V130CP20 Datasheet(PDF) 3 Page - Littelfuse

Part # V130CP20
Description  Tubular Metal-Oxide Varistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V130CP20 Datasheet(HTML) 3 Page - Littelfuse

  V130CP20 Datasheet HTML 1Page - Littelfuse V130CP20 Datasheet HTML 2Page - Littelfuse V130CP20 Datasheet HTML 3Page - Littelfuse V130CP20 Datasheet HTML 4Page - Littelfuse V130CP20 Datasheet HTML 5Page - Littelfuse V130CP20 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-84
Power Dissipation Ratings
Should transients occur in rapid succession, the average
power dissipation required is simply the energy (watt-
seconds) per pulse times the number of pulses per second.
The power so developed must be within the specifications
shown on the Device Ratings and Specifications table for the
specific device. Furthermore, the operating values need to
be derated at high temperatures as shown in Figure 1.
Because varistors can only dissipate a relatively small
amount of average power they are, therefore, not suitable for
repetitive applications that involve substantial amounts of
average power dissipation.
1.
Device Leakage Current
MODEL
NUMBER
PART SIZE
LEAKAGE CURRENT AT VT(DC)
25oC
125oC
IL TYP
IL MAX
IL TYP
IL MAX
VT(DC)
(
µA)
(
µA)
(
µA)
(
µA)
(V)
V8CP22
22B
0.5
5.0
5.0
50
8
V14CP22
22B
0.5
5.0
5.0
50
14
V31CP22
22B
0.5
5.0
5.0
50
28
V38CP22
22B
0.5
5.0
5.0
50
36
V130CP22
22A
0.5
5.0
25.0
100
130
V150CP22
22A
0.5
5.0
25.0
100
150
V31CP20
20B
0.5
5.0
5.0
50
28
V38CP20
20B
0.5
5.0
5.0
50
36
V130CP20
20A
0.5
5.0
25.0
100
130
V150CP20
20A
0.5
5.0
25.0
100
150
V38CP16
16A
0.5
5.0
5.0
50
36
V130CP16
16A
0.5
5.0
25.0
100
130
V150CP16
16A
0.5
5.0
25.0
100
150
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100
110
120
130
140 150
AMBIENT TEMPERATURE (oC)
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
100
90
50
10
O1
T
T1
T2
TIME
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front time = 1.25 • t
T2 = Virtual Time to Half Value (Impulse Duration)
Example: For an 8/20
µs Current Waveform:
8
µs = T1 = Virtual Front Time
20
µs = T2 = Virtual Time to Half Value
CP Series
OBSOLETE
PART


Similar Part No. - V130CP20

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA10A LITTELFUSE-V130LA10A Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
More results

Similar Description - V130CP20

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com