Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLS1100 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DFLS1100
Description  1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰123
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS1100 Datasheet(HTML) 2 Page - Diodes Incorporated

  DFLS1100_15 Datasheet HTML 1Page - Diodes Incorporated DFLS1100_15 Datasheet HTML 2Page - Diodes Incorporated DFLS1100_15 Datasheet HTML 3Page - Diodes Incorporated DFLS1100_15 Datasheet HTML 4Page - Diodes Incorporated DFLS1100_15 Datasheet HTML 5Page - Diodes Incorporated DFLS1100_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DFLS1100
Document number: DS30497 Rev. 12 - 2
2 of 6
www.diodes.com
September 2014
© Diodes Incorporated
DFLS1100
POWERDI is a registered trademark of Diodes Incorporated.
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
71
V
Forward Current rms (TC = +160°C, D = 0.5)
IF(RMS)
2
A
Average Forward Current
IF(AV)
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
Repetitive Peak Reverse Current
tp = 2μs, f = I kHz Square
IRRM
1.0
A
Repetitive Peak Avalanche Power
tp = 1µs, TJ = +25°C
PARM
1500
W
Non-repetitive Peak Reverse Current
tp = 100μs Square
IRSM
1.0
A
Critical Rate of Rise of Reverse Voltage
(Rated VR, TJ = +25°C)
dV/dt
10000
V/μs
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering (Note 6)
RJS
7
°C/W
Thermal Resistance Junction to Ambient (Note 7) TA = +25°C
RJA
125
Thermal Resistance Junction to Case (Note 7) TA = +25°C
RJC
21
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 8)
V(BR)R
100
V
IR = 1µA
Forward Voltage
VF
0.77
V
IF = 1.0A, TA = +25C

0.58
0.62
IF = 1.0A, TA = +125C


0.86
IF = 2.0A, TA = +25C

0.65
0.7
IF = 2.0A, TA = +125C
Leakage Current (Note 8)
IR
1
µA
VR = 100V, TA = +25C

0.2
0.5
mA
VR = 100V, TA = +125C
Total Capacitance
CT
36
pF
VR = 5VDC, f = 1MHz
Notes:
6. Theoretical RθJS calculated from the top center of the die straight down to the PCB/cathode tab solder junction.
7. Part mounted on FR-4 board with 2oz., minimum recommended copper pad layout, which can be found on our website at http://www.diodes.com.
8. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DFLS1100_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS1100-7 DIODES-DFLS1100-7 Datasheet
86Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30497 Rev. 4 - 2
DFLS1100-7 DIODES-DFLS1100-7 Datasheet
108Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30497 Rev. 8 - 2
DFLS1100 DIODES-DFLS1100_09 Datasheet
108Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30497 Rev. 8 - 2
More results

Similar Description - DFLS1100_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS1150 DIODES-DFLS1150_15 Datasheet
79Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰123
DFLS1200 DIODES-DFLS1200_15 Datasheet
86Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS130L DIODES-DFLS130L_15 Datasheet
90Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS160 DIODES-DFLS160_15 Datasheet
71Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰123
DFLS130 DIODES-DFLS130_15 Datasheet
107Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS140 DIODES-DFLS140_15 Datasheet
81Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS140L DIODES-DFLS140L_15 Datasheet
98Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
B1100LB DIODES-B1100LB_15 Datasheet
107Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DFLS1200 DIODES-DFLS1200 Datasheet
382Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30628 Rev. 3 - 2
SB170 DIODES-SB170 Datasheet
63Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. B-1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com