Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLS160 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DFLS160
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰123
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS160 Datasheet(HTML) 2 Page - Diodes Incorporated

  DFLS160_15 Datasheet HTML 1Page - Diodes Incorporated DFLS160_15 Datasheet HTML 2Page - Diodes Incorporated DFLS160_15 Datasheet HTML 3Page - Diodes Incorporated DFLS160_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DFLS160
Document number: DS30548 Rev. 7 - 2
2 of 4
www.diodes.com
December 2011
© Diodes Incorporated
DFLS160
POWERDI is a registered trademark of Diodes Incorporated.
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Forward Current
IF(AV)
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point (Note 3)
RθJS
6
°C/W
Thermal Resistance Junction to Ambient (Note 4)
RθJA
125
°C/W
Typical Thermal Resistance (Note 7)
RθJC
18
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
60
V
IR = 0.2mA
Forward Voltage
VF
0.50
V
IF = 1.0A
Leakage Current (Note 5)
IR
0.1
mA
VR = 60V, TA = 25°C
Total Capacitance
CT
67
pF
VR = 10V, f = 1.0MHz
Notes:
3. Theoretical RθJS calculated from the top center of the die straight down to the PCB/cathode tab solder junction.
4. Device mounted on Polymide substrate, 1" x 1" 2oz copper double-sided PC board with minimum recommended pad layout, which can be found on our
website at http://www.diodes.com.
5. Short duration pulse test to minimize self-heating effect
6. Part mounted on 50.8mm*50.8mm GETEK board with 25.4mm*25.4mm copper pad,25% anode,75% cathode. TA = 25°C
7. Part mounted on FR-4 board with 1.8mm X 2.5mm cathode and 1.8mm X 1.2mm anode, 1 oz. copper pads. TA = 25°C
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
0.001
0.01
0.1
1
10
100
0
0.5
1.0
1.5
T = 125 C
A
°
T = 100 C
A
°
T = 25 C
A
°
T = -65 C
A
°
T = 150 C
A
°
520
30
40
50
60
0.0001
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics


Similar Part No. - DFLS160_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS160 DIODES-DFLS160_17 Datasheet
281Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DFLS160_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS130L DIODES-DFLS130L_15 Datasheet
90Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS130 DIODES-DFLS130_15 Datasheet
107Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS140 DIODES-DFLS140_15 Datasheet
81Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS140L DIODES-DFLS140L_15 Datasheet
98Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
SBR1U400P1 DIODES-SBR1U400P1_15 Datasheet
206Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER POWERDI짰123
SBR1U200P1 DIODES-SBR1U200P1_15 Datasheet
76Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI짰123
DFLS1150 DIODES-DFLS1150_15 Datasheet
79Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰123
DFLS1200 DIODES-DFLS1200_15 Datasheet
86Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI짰123
DFLS1100 DIODES-DFLS1100_15 Datasheet
544Kb / 6P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰123
DFLS230L DIODES-DFLS230L_15 Datasheet
74Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com