Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA10 Datasheet(PDF) 2 Page - Littelfuse

Part # CA10
Description  SURFACE MOUNT ESD SUPPRESSORS, 8-Line CA10
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CA10 Datasheet(HTML) 2 Page - Littelfuse

  CA10 Datasheet HTML 1Page - Littelfuse CA10 Datasheet HTML 2Page - Littelfuse CA10 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
PULSEGUARD® SUPPRESSOR
SURFACE MOUNT ESD SUPPRESSORS
8-Line CA10
DEFINITIONS
Trigger Voltage: The measured peak voltage across the ESD
suppressor before it transitions from high to low resistance.
It is manifested as a “spike” before the clamping voltage is
achieved. This voltage is typically well below the damage
threshold of on-chip IC protection.
Clamping Voltage: The voltage level to which the ESD
impulse voltage is reduced. This is the voltage that the sup-
pressor holds at, until the ESD transient energy is dissipat-
ed.
ESD Impulse Voltage: Also known as the ESD Threat Voltage.
This is the voltage that is “zapped” into the circuit. Voltages
generated by people can exceed 15 kV. The IEC 61000-4-2
defines four levels of impulse voltage for testing
purposes:
SEVERITY LEVEL
1
2
3
4
AIR DISCHARGE
2 kV
4 kV
8 kV
15 kV
DIRECT DISCHARGE
2 kV
4 kV
6 kV
8 kV
+
+
++
+
+
+
T
w
D
s
P
h
D
d
P
s
P
w
P
d
C
t
T
t
Carrier Tape Specifications
Parts are delivered on 7” (178mm) reel, plastic carrier tape
Description
Ct - Cover tape thickness
Dd - Drive hole diameter
Ds - Drive hole spacing
Pd - Pocket depth
Ph - Pocket height
Ps - Pocket spacing
Pw - Pocket width
Tt - Carrier tape thickness
Tw - Carrier tape width
Measurement (mm)
0.06
1.50
4.00
1.02
5.38
4.00
2.44
0.30
12.00
Trigger Voltage
Clamping Voltage
Time (ns)
Trigger
Voltage
Clamping
Voltage
Voltage (V)
** Note: 1,000 fF = 1 pF
Frequency (GHz)
60
50
1.0
70
40
2.0
1.5
0.5
Generalized PulseGuard Response to ESD
(Positive and Negative Polarity ESD Pulses)
Generalized I-V Curve
(Positive and Negative Polarity ESD Pulses)
Capacitance vs. Frequency


Similar Part No. - CA10

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CA10 XPPOWER-CA10 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
   Cloud Access Point
logo
XP Power Limited
CA10-T XPPOWER-CA10-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Calogic, LLC
CA1004 CALOGIC-CA1004 Datasheet
22Kb / 2P
   Micropower Voltage Reference
CA1004BY1 CALOGIC-CA1004BY1 Datasheet
22Kb / 2P
   Micropower Voltage Reference
More results

Similar Description - CA10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB008CA10PR LITTELFUSE-PGB008CA10PR Datasheet
180Kb / 3P
   SURFACE MOUNT ESD SUPPRESSORS - 8-Line CA10
PGB102ST23WR LITTELFUSE-PGB102ST23WR Datasheet
164Kb / 2P
   PulseGuard Suppressors - Surface Mount Polymeric ESD Suppressors
logo
Socay Electornics Co., ...
ESD0402LC05N15 SOCAY-ESD0402LC05N15 Datasheet
166Kb / 4P
   Surface Mount Polymer ESD Suppressors
ESD0201LC05N15 SOCAY-ESD0201LC05N15 Datasheet
159Kb / 4P
   Surface Mount Polymer ESD Suppressors
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
699Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB2010402KRHF LITTELFUSE-PGB2010402KRHF Datasheet
556Kb / 5P
   Surface Mount Polymeric ESD Suppressors
PGB1010603MRHF LITTELFUSE-PGB1010603MRHF Datasheet
239Kb / 4P
   PulseGuard짰 Suppressors Surface Mount Polymeric ESD Suppressors
logo
Socay Electornics Co., ...
ESD0201E002N00 SOCAY-ESD0201E002N00 Datasheet
153Kb / 4P
   Surface Mount Polymer ESD Suppressors
logo
Littelfuse
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
logo
Socay Electornics Co., ...
ESD0603E002M05 SOCAY-ESD0603E002M05 Datasheet
184Kb / 4P
   Surface Mount Polymer ESD Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com