Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSZL52C9V1 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSZL52C9V1
Description  SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZL52C9V1 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSZL52C9V1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZL52C9V1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZL52C9V1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZL52C9V1 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSZL52C9V1 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSZL52C9V1 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- Wide zener voltage range selection : 2.4V to 39V
- Designed for mounting on small surface
- Extremely thin / leadless package
- Packing code with suffix "G" means
green compound (halogen-free)
MECHANICAL DATA
- Case: 1005
- Terminal: Gold plated, solderable per
MIL-STD-750, method 2026
- Polarity : Indicated by cathode band
- Weight : 0.006 g (approximately)
PD
mW
VF
V
TJ, TSTG
oC
Document Number: DS_S1412001
Version: D14
Small Signal Product
FEATURES
TSZL52C2V4 thru TSZL52C39
Taiwan Semiconductor
VALUE
UNIT
SMD Zener Diode
Forward Voltage
@ IF = 10mA
0.9
A
IFSM
2
Forward Current, Surge Peak
8.3 ms Single Half Sine-Wave Superimposed on Rate Load
1005
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25℃ unless otherwise noted)
PARAMETER
SYMBOL
Junction and Storage Temperature Range
-55 to +125
Power Dissipation
200


Similar Part No. - TSZL52C9V1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZL52C9V1 TSC-TSZL52C9V1 Datasheet
77Kb / 4P
   200mW SMD Zener Diode
More results

Similar Description - TSZL52C9V1

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com