Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

130112-0105 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 130112-0105
Description  100W Guard Quick-Open with Reflector, Zinc Plated
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

130112-0105 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130112-0105
Status:
Active
Overview:
Lighting Accessories
Description:
100W Guard Quick-Open with Reflector, Zinc Plated
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Woodhead®
Type
Accessory
UPC
78678860842
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
N/A
Duty
General
Guard Included
No
Guard Type
Quick Open
Height
N/A
Length
N/A
Material - Guard
#8 Gauge Zinc-plated Steel
Net Weight
195.950/g
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
N/A
Lamp Type
A21
Lamp Wattage - Maximum
100W
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
1166
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130112Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn