Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847CDLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC847CDLP
Description  45V DUAL NPN SMALL SIGNAL TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847CDLP Datasheet(HTML) 1 Page - Diodes Incorporated

  BC847CDLP_15 Datasheet HTML 1Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 2Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 3Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 4Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 5Page - Diodes Incorporated BC847CDLP_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BC847CDLP
Document number: DS30817 Rev. 7 - 2
1 of 6
www.diodes.com
May 2013
© Diodes Incorporated
BC847CDLP
1M
45V DUAL NPN SMALL SIGNAL TRANSISTOR
Features
BVCEO > 45V
Low profile 0.4mm high package for thin applications
Ultra-Small Surface Mount Package
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: X2-DFN1310-6
Nominal package height: 0.4mm
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - NiPdAu, Solderable per MIL-STD-202,
Method 208
Weight: 0.0015 grams (approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
BC847CDLP-7
1M
7
8
3000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http”//www.diodes.com/products/packages.html.
Marking Information
Top View
X2-DFN1310-6
C
B
B
E
E
C
Device Schematic
Top View
1M = Product Type Marking Code
(Top View)
e4


Similar Part No. - BC847CDLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847CDLP-7 DIODES-BC847CDLP-7 Datasheet
119Kb / 4P
   NPN DUAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - BC847CDLP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC817-16 DIODES-BC817-16_16 Datasheet
375Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
BC847AT DIODES-BC847AT_16 Datasheet
316Kb / 6P
   45V NPN SMALL SIGNAL TRANSISTOR
BC847BFA DIODES-BC847BFA Datasheet
284Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
BC847BFAQ DIODES-BC847BFAQ Datasheet
395Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
AC847BQ DIODES-AC847BQ Datasheet
333Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
DST847BDJ DIODES-DST847BDJ_15 Datasheet
363Kb / 7P
   45V DUAL NPN SMALL SIGNAL TRANSISTOR IN SOT-963
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP DIODES-BC847BLP_11 Datasheet
135Kb / 5P
   45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com