Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM4953DCSRLG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4953DCSRLG
Description  30V Dual P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4953DCSRLG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM4953DCSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4953DCSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4953DCSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4953DCSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4953DCSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4953DCSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM4953D
30V Dual P-Channel MOSFET
5/6
Version: C12
SOP-8 Mechanical Drawing
Unit: Millimeters
Marking Diagram
Y
= Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L
= Lot Code


Similar Part No. - TSM4953DCSRLG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TSM4953DCSRL VBSEMI-TSM4953DCSRL Datasheet
2Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TSM4953DCSRLG

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4803 AOSMD-AO4803_11 Datasheet
614Kb / 6P
   30V Dual P-Channel MOSFET
AO6801 AOSMD-AO6801_11 Datasheet
276Kb / 5P
   30V Dual P-Channel MOSFET
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
   30V Dual P-Channel MOSFET
Rev.1.1: September 2019
logo
GOOD-ARK Electronics
SSF3637 GOOD-ARK-SSF3637 Datasheet
412Kb / 4P
   30V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4807 AOSMD-AO4807_11 Datasheet
623Kb / 6P
   30V Dual P-Channel MOSFET
AO4815 AOSMD-AO4815_10 Datasheet
174Kb / 4P
   30V Dual P-Channel MOSFET
AO6801A AOSMD-AO6801A Datasheet
336Kb / 5P
   30V Dual P-Channel MOSFET
AO6801E AOSMD-AO6801E Datasheet
308Kb / 5P
   30V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3641 GOOD-ARK-SSF3641_15 Datasheet
777Kb / 6P
   30V Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com