Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM3446 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3446
Description  20V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3446 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM3446_12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3446_12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3446_12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3446_12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3446_12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3446_12 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM3446
20V N-Channel MOSFET
5/6
Version: D12
SOT-26 Mechanical Drawing
Marking Diagram
46 = Device Code
Y
= Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug,
W=Sep, X=Oct, Y=Nov, Z=Dec)
L
= Lot Code
SOT-26 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
TYP
MAX
MIN
TYP
MAX
A
0.95 BSC
0.0374 BSC
A1
1.9 BSC
0.0748 BSC
B
2.60
2.80
3.00
0.1024
0.1102
0.1181
C
1.40
1.50
1.70
0.0551
0.0591
0.0669
D
2.80
2.90
3.10
0.1101
0.1142
0.1220
E
1.00
1.10
1.20
0.0394
0.0433
0.0472
F
0.00
--
0.10
0.00
0.0039
G
0.35
0.40
0.50
0.0138
0.0157
0.0197
H
0.10
0.15
0.20
0.0039
0.0059
0.0079
I
0.30
--
0.60
0.0118
--
0.0236
J
--
10º
--
10º


Similar Part No. - TSM3446_12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3446 TSC-TSM3446_10 Datasheet
238Kb / 6P
   20V N-Channel MOSFET
More results

Similar Description - TSM3446_12

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com