Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM2309 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2309
Description  60V P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2309 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM2309 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2309 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2309 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2309 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2309 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSM2309
60V P-Channel Power MOSFET
4/5
Version: A15
SOT-23 Mechanical Drawing
Unit: Millimeters
Marking Diagram
09 = Device Code
Y = Year Code
M = Month Code for Halogen Free Product
(
O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L
= Lot Code


Similar Part No. - TSM2309

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
TSM2301 TSC-TSM2301 Datasheet
346Kb / 6P
   20V P-Channel MOSFET
TSM2301A TSC-TSM2301A Datasheet
210Kb / 6P
   20V P-Channel MOSFET
TSM2301A TSC-TSM2301A Datasheet
220Kb / 6P
   20V P-Channel MOSFET
TSM2301ACXRFG TSC-TSM2301ACXRFG Datasheet
210Kb / 6P
   20V P-Channel MOSFET
More results

Similar Description - TSM2309

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7P06CP TSC-TSM7P06CP Datasheet
344Kb / 5P
   60V P-Channel Power MOSFET
logo
TECH PUBLIC Electronics...
FDN5618P TECHPUBLIC-FDN5618P Datasheet
3Mb / 5P
   60V P-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7P06 TSC-TSM7P06 Datasheet
344Kb / 5P
   60V P-Channel Power MOSFET
TSM480P06 TSC-TSM480P06 Datasheet
891Kb / 9P
   60V P-Channel Power MOSFET
logo
TECH PUBLIC Electronics...
LP2309LT1G TECHPUBLIC-LP2309LT1G Datasheet
2Mb / 5P
   60V P-Channel Power MOSFET
logo
Unisonic Technologies
UTT120P06 UTC-UTT120P06 Datasheet
131Kb / 3P
   120A, 60V P-CHANNEL POWER MOSFET
UTT18P06 UTC-UTT18P06 Datasheet
133Kb / 3P
   18.3A, 60V P-CHANNEL POWER MOSFET
UTT80P06 UTC-UTT80P06 Datasheet
129Kb / 3P
   80A, 60V P-CHANNEL POWER MOSFET
UTT15P06 UTC-UTT15P06 Datasheet
131Kb / 3P
   15A, 60V P-CHANNEL POWER MOSFET
UTT30P06 UTC-UTT30P06 Datasheet
135Kb / 3P
   60V, 30A P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com