Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR25-100P Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CBR25-100P
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBR25-100P Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CBR25-100P Datasheet HTML 1Page - Central Semiconductor Corp CBR25-100P Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CBR25-010P SERIES
SILICON BRIDGE RECTIFIERS
25 AMP, 100 THRU 1000 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CBR25-010P series
devices are silicon, single phase, full wave bridge rectifiers
designed for general purpose applications. The molded
epoxy case has a built-in metal baseplate for heat sink
mounting. The device utilizes standard 0.25” FASTON
terminals.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CBR25
SYMBOL
-010P
-020P
-040P
-060P
-080P
-100P
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
200
400
600
800
1000
V
DC Blocking Voltage
VR
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
560
700
V
Average Forward Current (TC=60°C)
IO
25
A
Peak Forward Surge Current
IFSM
350
A
I2t Rating for Fusing (1ms<t<8.3ms)
I2t
375
A2s
RMS Isolation Voltage (case to lead)
Viso
2500
Vac
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
1.9
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
10
μA
IR
VR=Rated VRRM, TA=125°C
500
μA
VF
IF=12.5A
1.2
V
CJ
VR=4.0V, f=1.0MHz
300
pF
CASE FP
R3 (24-June 2013)
www.centr a lsemi.com


Similar Part No. - CBR25-100P

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBR25-100P CENTRAL-CBR25-100P Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
More results

Similar Description - CBR25-100P

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com