Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR10F-010P Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CBR10F-010P
Description  FAST RECOVERY SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBR10F-010P Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CBR10F-010P_15 Datasheet HTML 1Page - Central Semiconductor Corp CBR10F-010P_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CBR10F-010P SERIES
FAST RECOVERY
SILICON BRIDGE RECTIFIERS
10 AMP, 100 THRU 600 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CBR10F-010P series
devices are silicon, single phase, full wave bridge rectifiers
designed for fast recovery applications. The molded
epoxy case has a built-in metal baseplate for heat sink
mounting. The device utilizes standard 0.25” FASTON
terminals.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CBR10F
SYMBOL -010P
-020P
-040P
-060P
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
200
400
600
V
DC Blocking Voltage
VR
100
200
400
600
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
V
Average Forward Current (TC=60°C)
IO
10
A
Peak Forward Surge Current
IFSM
200
A
RMS Isolation Voltage (case to lead)
Viso
2500
Vac
Operating and StorageJunction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=Rated VRRM
10
μA
VF
IF=5.0A
1.3
V
trr
IF=0.5A, IR=1.0A, Irr=0.25A (100V, 200V, 400V)
200
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (600V)
350
ns
CASE FP
R1 (4-November 2013)
www.centr a lsemi.com


Similar Part No. - CBR10F-010P_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBR10F-010P CENTRAL-CBR10F-010P Datasheet
101Kb / 2P
   FAST RECOVERY SILICON BRIDGE RECTIFIERS
More results

Similar Description - CBR10F-010P_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBR10F-010P CENTRAL-CBR10F-010P Datasheet
101Kb / 2P
   FAST RECOVERY SILICON BRIDGE RECTIFIERS
CBR35F-010P CENTRAL-CBR35F-010P_15 Datasheet
470Kb / 2P
   FAST RECOVERY SILICON BRIDGE RECTIFIERS
CBR25F-010P CENTRAL-CBR25F-010P_15 Datasheet
470Kb / 2P
   FAST RECOVERY SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
3SBMF SEMTECH-3SBMF Datasheet
52Kb / 2P
   FAST RECOVERY 1 PHASE SILICON BRIDGE RECTIFIERS
SBMX05F SEMTECH-SBMX05F Datasheet
60Kb / 2P
   FAST RECOVERY 1 PHASE SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
FBR2500 EIC-FBR2500 Datasheet
20Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR600 EIC-FBR600 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR3500W EIC-FBR3500W Datasheet
49Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR800 EIC-FBR800 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR5000 EIC-FBR5000_V01 Datasheet
81Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com