Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR2X2YL Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # FTR2X2YL
Description  6x4 FiberRunner System Spillouts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FTR2X2YL Datasheet(HTML) 4 Page - PANDUIT CORP.

  FTR2X2YL Datasheet HTML 1Page - PANDUIT CORP. FTR2X2YL Datasheet HTML 2Page - PANDUIT CORP. FTR2X2YL Datasheet HTML 3Page - PANDUIT CORP. FTR2X2YL Datasheet HTML 4Page - PANDUIT CORP. FTR2X2YL Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
For other colors replace suffix YL (Yellow) with OR (Orange) or BL (Black).
6x4 FiberRunner ® System Spillouts (continued)
Part Number
Part Description
Couplers
Required
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
3-Sided BRC Trumpet Spillout for 6x4 Exit
FRTR6X4YL
Used to limit the bend radius of the cable to 2"
(50.8mm) when exiting from 6x4 channel, 6x4
horizontal tee fitting, or 6x4 exit on 12x4
vertical tee.
(1 pc.)
FRBC6X4YL
1
5
6x4 Up Spout
FRUPS6X4YL
Allows cable to be directed upward out of the
channel deployed directly below racks and cabinets
in underfloor installations. Provides 2" (50.8mm)
bend radius. Snaps directly onto the channel and
can be positioned to allow cables to be laid in.
A 1" (25.4mm) top bezel is included. Other fittings
can be installed for specific applications including
FTR4X4YL and FIDT4X4BL.
1
5
Innerduct Transition Fitting
FITF6X4
Metal fitting attaches to end of channel or fitting
to transition up to four pieces of solid 1.5" (38mm)
inside diameter inner duct. Hardware is included
for installation. Black color only.
1
10
3-Port Spillout to 1.5" (38mm) Inside Diameter Corrugated Tubing
FRIDT6X4YL
Used to route cable into three separate pieces of
1.5" (38mm) diameter split corrugated tubing. Used
with FRVT12X4YL or any 6x4 fitting. Securely holds
corrugated split tubing to ensure system integrity
and easy access to add or remove cables.
(1 pc.)
FRBC6X4YL
1
5
FRUPS6X4
FITF6X4
FRTR6X4
FRIDT6X4


Similar Part No. - FTR2X2YL

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
FTR20G ADAM-TECH-FTR20G Datasheet
127Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
FTR20T ADAM-TECH-FTR20T Datasheet
127Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
FTR24G ADAM-TECH-FTR24G Datasheet
127Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
FTR24T ADAM-TECH-FTR24T Datasheet
127Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
FTR26G ADAM-TECH-FTR26G Datasheet
127Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
More results

Similar Description - FTR2X2YL

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FR4X4YL6 PANDUIT-FR4X4YL6 Datasheet
185Kb / 1P
   4x4 FiberRunner짰 Routing System Cable Fills for 4x4 FiberRunner
logo
HITRON ELECTRONICS CORP...
HICM250 HITRON-HICM250 Datasheet
217Kb / 2P
   6x4 inch Compact size
logo
PHOENIX CONTACT
3273790 PHOENIX-3273790 Datasheet
71Kb / 5P
   Distribution block - PTFIX 6X4 GY
3273792 PHOENIX-3273792 Datasheet
67Kb / 4P
   Distribution block - PTFIX 6X4 BU
3273796 PHOENIX-3273796 Datasheet
68Kb / 4P
   Distribution block - PTFIX 6X4 YE
3273802 PHOENIX-3273802 Datasheet
67Kb / 4P
   Distribution block - PTFIX 6X4 WH
3273806 PHOENIX-3273806 Datasheet
67Kb / 4P
   Distribution block - PTFIX 6X4 VT
3273807 PHOENIX-3273807 Datasheet
67Kb / 4P
   Distribution block - PTFIX 6X4 PK
3273808 PHOENIX-3273808 Datasheet
68Kb / 4P
   Distribution block - PTFIX 6X4 OG
3273800 PHOENIX-3273800 Datasheet
68Kb / 4P
   Distribution block - PTFIX 6X4 BN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com