Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC691 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC691
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC691 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC691 Datasheet HTML 6Page - Linear Technology LTC691 Datasheet HTML 7Page - Linear Technology LTC691 Datasheet HTML 8Page - Linear Technology LTC691 Datasheet HTML 9Page - Linear Technology LTC691 Datasheet HTML 10Page - Linear Technology LTC691 Datasheet HTML 11Page - Linear Technology LTC691 Datasheet HTML 12Page - Linear Technology LTC691 Datasheet HTML 13Page - Linear Technology LTC691 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC690/LTC691
LTC694/LTC695
S
APPLICATI
I FOR ATIO
Figure 5. Timing Diagram for CE IN and CE OUT
If battery connections are made through long wires, a 10
to 100
Ω series resistor and a 0.1µF capacitor are recom-
mended to prevent any overshoot beyond VCC due to the
lead inductance (Figure 4).
OUT is an alternative signal to drive the CE, CS, or Write
input of battery-backed up CMOS RAM. CE OUT can also
be used to drive the Store or Write input of an EEPROM,
EAROM or NOVRAM to achieve similar protection. Figure
5 shows the timing diagram of CE IN and CE OUT.
CE IN can be derived from the microprocessor’s address
decoder output. Figure 6 shows a typical nonvolatile
CMOS RAM application.
Memory protection can also be achieved with the LTC690
and LTC694 by using RESET as shown in Figure 7.
4.3M
0.1
µF
VBATT
LTC690
LTC691
LTC694
LTC695
GND
690 F04
10
Figure 4. 10
Ω/0.1µF Combination Eliminates Inductive
Overshoot and Prevents Spurious Resets During Battery
Replacement
Memory Protection
The LTC691 and LTC695 include memory protection
circuitry that ensures the integrity of the data in memory
by preventing write operations when VCC is at invalid level.
Two additional pins, CE IN and CE OUT, control the Chip
Enable or Write inputs of CMOS RAM. When VCC is 5V, CE
OUT follows CE IN with a typical propagation delay of
20ns. When VCC falls below the reset voltage threshold or
VBATT, CE OUT is forced high, independent of CE IN. CE
Table 1 shows the state of each pin during battery back-up.
When the battery switchover section is not used, connect
VBATT to GND and VOUT to VCC.
SIGNAL
STATUS
VCC
C2 monitors VCC for active switchover.
VOUT
VOUT is connected to VBATT through an internal PMOS switch.
VBATT
The supply current is 1
µA maximum.
BATT ON
Logic high. The open-circuit output voltage is equal to VOUT.
PFI
Power failure input is ignored.
PFO
Logic low
RESET
Logic low
RESET
Logic high. The open-circuit output voltage is equal to VOUT.
LOW LINE Logic low
WDI
Watchdog input is ignored.
WDO
Logic high. The open-circuit output voltage is equal to VOUT.
CE IN
Chip Enable Input is ignored.
CE OUT
Logic high. The open-circuit output voltage is equal to VOUT.
OSC IN
OSC IN is ignored.
OSC SEL
OSC SEL is ignored.
Table 1. Input and Output Status in Battery Back-Up Mode
VCC
V1
CE IN
VOUT = VBATT
CE OUT
VOUT = VBATT
V2
V1 = RESET VOLTAGE THRESHOLD
V2 = RESET VOLTAGE THRESHOLD +
RESET THRESHOLD HYSTERESIS
690 F05


Similar Part No. - LTC691

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC691 LINER-LTC691 Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
LTC6910-1 LINER-LTC6910-1 Datasheet
250Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1CTS8 LINER-LTC6910-1CTS8 Datasheet
250Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1HTS8 LINER-LTC6910-1HTS8 Datasheet
250Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1ITS8 LINER-LTC6910-1ITS8 Datasheet
250Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
More results

Similar Description - LTC691

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com