Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DA700 Datasheet(PDF) 1 Page - Marktech Corporate

Part No. DA700
Description  Direct Attach DA700 LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MARKTECH [Marktech Corporate]
Homepage  http://www.marktechopto.com
Logo 

DA700 Datasheet(HTML) 1 Page - Marktech Corporate

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Subject to change without notice.
www.cree.com
FEATURES
• DirectAttachLEDTechnology
• RectangularLEDRFPerformance
– 450&460nm–430mWmin
• HighReliability-EutecticAttach
• LowForwardVoltage(Vf)–3.3VTypicalat350mA
• MaximumDCForwardCurrent–750mA
• InGaNJunction-DownDesignforImprovedThermal
Management
• NoWireBondsRequired
APPLICATIONS
• GeneralIllumination
− Aircraft
− DecorativeLighting
− TaskLighting
− OutdoorIllumination
• WhiteLEDs
• CameraFlash
• ProjectionDisplays
• Automotive
• LargeLCDBacklighting
– Television
Direct Attach DA700™ LEDs
CxxxDA700-Sxx000
Data Sheet
Cree’sDirectAttachDA700LEDsarethenextgenerationofsolid-stateLEDemittersthatcombinehighlyefficient
InGaNmaterialswithCree’sproprietarydevicetechnologyandsilicon-carbidesubstratestodeliversuperiorvaluefor
theTV-backlightingandgeneral-illuminationmarkets.TheDA700LEDsareamongthebrightestinthelightingmarket
while delivering a low forward voltage, resulting in a very bright and highly efficient solution. The bondpad-down
designallowsforeutecticdieattach,eliminatingtheneedforwirebonds,andenablessuperiorperformancefrom
improvedthermalmanagement.
CxxxDA700-Sxx000 Chip Diagram
Top View
Bottom View
Die Cross Section
Anode(+)
645x75μm
DA700LED
700x700μm
t=335μm
Cathode(-)
645x495μm
Gap75μm


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn