Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DA700 Datasheet(PDF) 3 Page - Marktech Corporate

Part No. DA700
Description  Direct Attach DA700 LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MARKTECH [Marktech Corporate]
Homepage  http://www.marktechopto.com
Logo 

DA700 Datasheet(HTML) 3 Page - Marktech Corporate

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright©2011Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andDAandDA700aretrademarksofCree,Inc.
3
CPR3EU Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Standard Bins for CxxxDA700-Sxx000
LEDchipsaresortedtotheradiant fluxanddominant wavelengthbinsshown.Asorteddiesheetcontainsdiefrom
onlyonebin.Sorteddiekit(CxxxDA700-Sxxxxx)ordersmaybefilledwithanyorallbins(CxxxDA700-xxxxx)contained
inthekit.AllradiantfluxanddominantwavelengthvaluesshownandspecifiedareatIf=350mA.
Note:Theradiant-fluxvaluesabovearerepresentativeofthedieinaT-1¾encapsulated5-mmlamp.
C450DA700-S43000
C450DA700-0217
C450DA700-0218
C450DA700-0219
C450DA700-0220
C450DA700-0213
C450DA700-0214
C450DA700-0215
C450DA700-0216
C450DA700-0209
C450DA700-0210
C450DA700-0211
C450DA700-0212
C450DA700-0205
C450DA700-0206
C450DA700-0207
C450DA700-0208
Dominant Wavelength (nm)
447.5
450
452.5
445
455
515
485
455
430
C460DA700-S43000
C460DA700-0217
C460DA700-0218
C460DA700-0219
C460DA700-0220
C460DA700-0213
C460DA700-0214
C460DA700-0215
C460DA700-0216
C460DA700-0209
C460DA700-0210
C460DA700-0211
C460DA700-0212
C460DA700-0205
C460DA700-0206
C460DA700-0207
C460DA700-0208
Dominant Wavelength (nm)
457.5
460
462.5
455
465
515
485
455
430


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn