Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP41B Datasheet(PDF) 2 Page - Marktech Corporate

Part # CP41B
Description  P4 LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CP41B Datasheet(HTML) 2 Page - Marktech Corporate

  CP41B_15 Datasheet HTML 1Page - Marktech Corporate CP41B_15 Datasheet HTML 2Page - Marktech Corporate CP41B_15 Datasheet HTML 3Page - Marktech Corporate CP41B_15 Datasheet HTML 4Page - Marktech Corporate CP41B_15 Datasheet HTML 5Page - Marktech Corporate CP41B_15 Datasheet HTML 6Page - Marktech Corporate CP41B_15 Datasheet HTML 7Page - Marktech Corporate CP41B_15 Datasheet HTML 8Page - Marktech Corporate CP41B_15 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
CLD-CT1143.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red/Amber
Forward Current
I
F
70 Note1
mA
Peak Forward Current Note2
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
220
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 5 sec. max.
(3 mm from the base of the epoxy bulb)
Note:
1. A heat sink is recommended if the device is operated at ambient temperatures higher than 25°C.
2. Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red/Amber
V
F
I
F = 70 mA
V
2.5
3.0
Reverse Current
Red/Amber
I
R
V
R = 5 V
μA
100
Dominant Wavelength
Red
λ
D
I
F = 70 mA
nm
620
628
637
Amber
λ
D
I
F = 70 mA
nm
584
591
599
Luminous Flux
Red
CP41B-RDS (40 degree)
Φ
v
I
F = 70 mA
mlm
4400
7000
CP41B-RFS (70 degree)
Φ
v
I
F = 70 mA
mlm
4400
7500
CP41B-RHS (100 degree)
Φ
v
I
F = 70 mA
mlm
5500
8000
Amber
CP41B-ADS (40 degree)
Φ
v
I
F = 70 mA
mlm
4400
6500
CP41B-AFS (70 degree)
Φ
v
I
F = 70 mA
mlm
5500
7500
CP41B-AHS (100 degree)
Φ
v
I
F = 70 mA
mlm
5500
8000
50% Power Angle
CP41B-RDS/ADS
2θ½
I
F = 70 mA
deg
40
CP41B-RFS/AFS
2θ½
I
F = 70 mA
deg
70
CP41B-RHS/AHS
2θ½
I
F = 70 mA
deg
100


Similar Part No. - CP41B_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP41B-ADS CREE-CP41B-ADS Datasheet
429Kb / 7P
   P4 LED
CP41B-ADS CREE-CP41B-ADS Datasheet
626Kb / 10P
   P4 LED
CP41B-ADS-CL0P0264 CREE-CP41B-ADS-CL0P0264 Datasheet
626Kb / 10P
   P4 LED
logo
Marktech Corporate
CP41B-ADS-CL0P0264 MARKTECH-CP41B-ADS-CL0P0264 Datasheet
626Kb / 10P
   Cree짰 P4 LED
logo
Cree, Inc
CP41B-ADS-CM0P0354 CREE-CP41B-ADS-CM0P0354 Datasheet
626Kb / 10P
   P4 LED
More results

Similar Description - CP41B_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
   P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
   P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
   P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
   P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
   P4 LED
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
   P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-40G CREE-LP377THR1-40G Datasheet
336Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com