Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM4B Datasheet(PDF) 4 Page - Marktech Corporate

Part # CLM4B
Description  PLCC4 1-in-1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM4B Datasheet(HTML) 4 Page - Marktech Corporate

  CLM4B_15 Datasheet HTML 1Page - Marktech Corporate CLM4B_15 Datasheet HTML 2Page - Marktech Corporate CLM4B_15 Datasheet HTML 3Page - Marktech Corporate CLM4B_15 Datasheet HTML 4Page - Marktech Corporate CLM4B_15 Datasheet HTML 5Page - Marktech Corporate CLM4B_15 Datasheet HTML 6Page - Marktech Corporate CLM4B_15 Datasheet HTML 7Page - Marktech Corporate CLM4B_15 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
CLD-CT995.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Blue
CLM4B-BKW-CTbVa363
120
355
900
B3
460
B6
480
Blue
CLM4B-BKW-CUaVa453
120
450
900
B4
465
B5
475
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Green
CLM4B-GKW-CWbYa693
120
1400
3550
G6
515
G9
535
Green
CLM4B-GKW-CXaYa793
120
1800
3550
G7
520
G9
535
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity bin code and single color bin
codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
Important Bins Notes:
• Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” document.
• Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
• Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CLM4B_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM4B-AKB-CWaXb263 CREE-CLM4B-AKB-CWaXb263 Datasheet
655Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-AKB-CWbXb353 CREE-CLM4B-AKB-CWbXb353 Datasheet
655Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-AKC CREE-CLM4B-AKC Datasheet
967Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-AKC-CWbXb343 CREE-CLM4B-AKC-CWbXb343 Datasheet
967Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-AKC-CWbXb353 CREE-CLM4B-AKC-CWbXb353 Datasheet
967Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
More results

Similar Description - CLM4B_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW Datasheet
280Kb / 6P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com