Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C503B-BAS Datasheet(PDF) 8 Page - Marktech Corporate

Part # C503B-BAS
Description  5-mm Blue and Green Round LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503B-BAS Datasheet(HTML) 8 Page - Marktech Corporate

Back Button C503B-BAS_15 Datasheet HTML 2Page - Marktech Corporate C503B-BAS_15 Datasheet HTML 3Page - Marktech Corporate C503B-BAS_15 Datasheet HTML 4Page - Marktech Corporate C503B-BAS_15 Datasheet HTML 5Page - Marktech Corporate C503B-BAS_15 Datasheet HTML 6Page - Marktech Corporate C503B-BAS_15 Datasheet HTML 7Page - Marktech Corporate C503B-BAS_15 Datasheet HTML 8Page - Marktech Corporate C503B-BAS_15 Datasheet HTML 9Page - Marktech Corporate C503B-BAS_15 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
CLD-CT1094.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Mechanical Dimensions
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
C503B-BAS/GAS:
C503B-BAN/GAN/BCN/GCN:
C503B-BCS/GCS:


Similar Part No. - C503B-BAS_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503B-BAS-CY0C0461 MARKTECH-C503B-BAS-CY0C0461 Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
C503B-BAS-CY0C0462 MARKTECH-C503B-BAS-CY0C0462 Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
C503B-BAS-CY0Z0451 MARKTECH-C503B-BAS-CY0Z0451 Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
C503B-BAS-CY0Z0452 MARKTECH-C503B-BAS-CY0Z0452 Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
C503B-BAS-CZ0A0451 MARKTECH-C503B-BAS-CZ0A0451 Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
More results

Similar Description - C503B-BAS_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503B-BAS CREE-C503B-BAS Datasheet
505Kb / 6P
   5-mm Blue and Green Round LED
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
   Cree짰 5-mm Blue and Green Round LED
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com