Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC699CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC699CS8
Description  Microprocessor Supervisory Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC699CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC699CS8 Datasheet HTML 1Page - Linear Technology LTC699CS8 Datasheet HTML 2Page - Linear Technology LTC699CS8 Datasheet HTML 3Page - Linear Technology LTC699CS8 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
LTC699
S
APPLICATI
I FOR ATIO
Figure 1. Reset Active Time
Watchdog Timer
The LTC699 provides a watchdog timer function to moni-
tor the activity of the microprocessor. If the microproces-
sor does not toggle the Watchdog Input (WDI) within the
time-out period, RESET is forced to active low for a
minimum of 140ms. The watchdog time-out period is
fixed at a 1.0 second minimum on the LTC699, which is
adequate time for most systems to service the watchdog
timer immediately after a reset. Figure 2 shows the timing
diagram of watchdog time-out period and reset active
time. The watchdog time-out period is restarted as soon
as RESET is inactive. When either a high-to-low or low-to-
high transition occurs at the WDI pin prior to time-out, the
watchdog time is reset and begins to time out again. To
ensure the watchdog time does not time out, either a high-
to-low or low-to-high transition on the WDI pin must
occur at or less than the minimum time-out period. If the
input to the WDI pin remains either high or low, reset
pulses will be issued every 1.6 seconds typically. The
watchdog time can be deactivated by floating the WDI pin.
The timer is also disabled when VCC falls below the reset
voltage threshold.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1992
LT/GP 0192 10K REV 0
TJMAX
θJA
110
°C 180°C/W
CONDITIONS: PCB MOUNT ON FR4 MATERIAL,
STILL AIR AT 25
°C, COPPER TRACE
TJMAX
θJA
110
°C 130°C/W
VCC
t1
t1 = RESET ACTIVE TIME
V1 = RESET VOLTAGE THRESHOLD
V2 = RESET VOLTAGE THRESHOLD +
RESET THRESHOLD HYSTERESIS
t1
V2
V2
V1
V1
LTC699 F01
RESET
t1 = RESET ACTIVE TIME
t2 = WATCHDOG TIME-OUT PERIOD
VCC = 5V
t2
t1
t1
WDI
RESET
LTC699 F02
t2
t1
Figure 2. Watchdog Time-Out Period and Reset Active Time
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
N8 Package
8-Lead Plastic DIP
S8 Package
8-Lead Plastic SOIC
N8 1191
E
C
eA
12
3
4
8
76
5
E1
D
Q1
B1
e1
S
A1
L
A
B
SYMBOL
A
A1
B
B1
C
D
E
INCHES
0.130 ± 0.006
0.020 MIN
0.018 ± 0.003
0.045 – 0.065
0.009 – 0.015
0.400 MAX
0.300 – 0.320
MILLIMETERS
3.302 ± 0.127
0.508 MIN
0.457 ± 0.076
1.143 – 1.651
0.229 – 0.381
10.160 MAX
7.620 – 8.128
SYMBOL
E1
eA
e1
L
Q1
S
INCHES
0.250 ± 0.010
0.325 + 0.025
–0.015
0.100 ± 0.010
0.125 MIN
0.065 TYP
0.045 ± 0.015
MILLIMETERS
6.350 ± 0.254
8.255 + 0.635
–0.381
2.540 ± 0.254
3.175 MIN
1.651 TYP
1.143 ± 0.381
h
× 45°
S8 1191
α
C
L
A
B
e1
A1
1
2
3
4
8
7
6
5
H
D
E
SYMBOL
A
A1
B
C
D
E
INCHES
0.053 – 0.069
0.004 – 0.010
0.014 – 0.019
0.008 – 0.010
0.189 – 0.197
0.150 – 0.157
MILLIMETERS
1.346 – 1.753
0.102 – 0.254
0.356 – 0.483
0.203 – 0.254
4.801 – 5.004
3.810 – 3.988
SYMBOL
e
H
h
L
α
INCHES
0.050 TYP
0.228 – 0.244
0.010 – 0.020
0.016 – 0.050
MILLIMETERS
1.270 TYP
5.791 – 6.198
0.254 – 0.508
0.406 – 1.270
0° – 8° TYP


Similar Part No. - LTC699CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC699 LINER-LTC699 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
LTC6990 AD-LTC6990 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
LTC6990 AD-LTC6990 Datasheet
1Mb / 24P
   Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC699CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com