Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE6.8A Datasheet(PDF) 3 Page - Rugao Dachang Electronics Co., Ltd

Part # P6KE6.8A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

P6KE6.8A Datasheet(HTML) 3 Page - Rugao Dachang Electronics Co., Ltd

  P6KE6.8A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd P6KE6.8A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd P6KE6.8A Datasheet HTML 3Page - Rugao Dachang Electronics Co., Ltd P6KE6.8A Datasheet HTML 4Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.0
5.3
1.0
4.2
1.0
3.2
90.2
1.0
86.1
1.0
100
1.0
95.5
1.0
110
1.0
105
1.0
121
1.0
116
1.0
132
1.0
126
1.0
143
1.0
137
1.0
3.9
P6KE 82
P6KE 82A
P6KE 91
P6KE 91A
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
5.1
4.6
4.8
4.4
3.8
3.5
3.6
3.4
1.0
94.0
97.2
85.5
89.2
77.8
81.0
70.1
73.7
111
102
105
66.4
73.8
77.9
81.9
86.5
90.0
95.0
99.0
105
108
114
117
124
118
113
144
187
152
131
125
137
158
173
165
179
0.107
0.107
0.106
0.107
0.106
0.106
0.105
0.106
0.107
0.107
0.107
0.105
P6KE 100
P6KE 100A
P6KE 110
P6KE 110A
P6KE 120
P6KE 120A
P6KE 130
P6KE 130A
P6KE 150
P6KE 150A
P6KE 160
P6KE 160A
P6KE 170
P6KE 170A
P6KE 180
P6KE 180A
P6KE 200
P6KE 200A
P6KE 220
P6KE 220A
P6KE 250
P6KE 250A
P6KE 300
P6KE 300A
P6KE 350
P6KE 350A
P6KE 400
P6KE 400A
P6KE 440
P6KE 440A
1.0
2.8
1.0
2.7
1.0
2.2
165
1.0
158
1.0
176
1.0
168
1.0
187
1.0
179
1.0
198
1.0
189
1.0
220
1.0
210
1.0
242
1.0
2.3
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.9
2.6
2.5
2.6
2.4
2.1
1.7
1.0
146
154
138
145
130
136
121
128
175
162
171
135
143
144
152
153
162
162
171
180
190
198
215
219
274
258
207
230
244
234
246
287
344
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
1.0
1.8
1.0
1.4
1.0
0.95
231
1.0
275
1.0
263
1.0
330
1.0
315
1.0
385
1.0
368
1.0
440
1.0
420
1.0
484
1.0
462
1.0
1.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.7
1.7
1.4
1.2
1.0
1.1
1.0
1.0
300
324
256
284
214
243
185
202
376
342
356
209
225
237
270
285
315
333
360
380
396
418
328
430
631
482
360
344
414
504
574
548
602
0.110
0.110
0.110
0.110
0.110
0.110
0.108
0.110
0.110
0.110
0.110
型号
Type
最大值
Max
IT (mA)
最小值
Nin.
转折电压
Breakdown Voltage
V(BR) (V)
测试电流
Test Current
反向峰值电压
Peak Reverse
Voltage
VWM (V)
最大反向
漏电流
Maximum
Reverse Leakage
最大峰值
脉冲电流
Maximum Peak
Pulse Current
最大钳位电压
Maximum
Clamping Voltage
最大温度系数
Maximum
Temperature
Coefficient
ID (μA)
IPPM (A)
VC (V)
% / ℃
SIYU R
P6KE6.8 ...... P6KE440A
大昌电子
DACHANG ELECTRONICS


Similar Part No. - P6KE6.8A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE6.8A MOTOROLA-P6KE6.8A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE6.8A VISHAY-P6KE6.8A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
UN Semiconducctor INC
P6KE6.8A UNSEMI-P6KE6.8A Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
SeCoS Halbleitertechnol...
P6KE6.8A SECOS-P6KE6.8A Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
SUNMATE electronic Co.,...
P6KE6.8A SUNMATE-P6KE6.8A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Similar Description - P6KE6.8A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com