Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC489CN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC489CN
Description  Quad RS485 Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC489CN Datasheet(HTML) 1 Page - Linear Technology

  LTC489CN Datasheet HTML 1Page - Linear Technology LTC489CN Datasheet HTML 2Page - Linear Technology LTC489CN Datasheet HTML 3Page - Linear Technology LTC489CN Datasheet HTML 4Page - Linear Technology LTC489CN Datasheet HTML 5Page - Linear Technology LTC489CN Datasheet HTML 6Page - Linear Technology LTC489CN Datasheet HTML 7Page - Linear Technology LTC489CN Datasheet HTML 8Page - Linear Technology LTC489CN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC488/LTC489
Quad RS485 Line Receiver
S
FEATURE
s
Low Power: ICC = 7mA Typ
s
Designed for RS485 or RS422 Applications
s
Single 5V Supply
s
– 7V to 12V Bus Common Mode Range Permits
±7V
Ground Difference Between Devices on the Bus
s
60mV Typical Input Hysteresis
s
Receiver Maintains High Impedance in Three-State or
with the Power Off
s
28ns Typical Receiver Propagation Delay
s
Pin Compatible with the SN75173 (LTC488)
s
Pin Compatible with the SN75175 (LTC489)
S
APPLICATI
s
Low Power RS485/RS422 Receivers
s
Level Translator
The LTC
®488 and LTC489 are low power differential bus/
line receivers designed for multipoint data transmission
standard RS485 applications with extended common mode
range (12V to – 7V). They also meet the requirements of
RS422.
The CMOS design offers significant power savings over its
bipolar counterpart without sacrificing ruggedness against
overload or ESD damage.
The receiver features three-state outputs, with the receiver
output maintaining high impedance over the entire com-
mon mode range.
The receiver has a fail-safe feature which guarantees a
high output state when the inputs are left open.
Both AC and DC specifications are guaranteed 4.75V to
5.25V supply voltage range.
DESCRIPTIO
APPLICATI
TYPICAL
120
4000 FT 24 GAUGE TWISTED PAIR
DI
RECEIVER
1/4 LTC488
120
DRIVER
1/4 LTC486
RO
EN
EN
1
2
4
12
3
EN
EN
120
4000 FT 24 GAUGE TWISTED PAIR
DI
RECEIVER
1/4 LTC489
120
DRIVER
1/4 LTC487
RO
EN12
1
2
4
3
EN12
LTC488/9 TA01
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC489CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC489CN LINER-LTC489CN Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC489CN LINER-LTC489CN Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC489CN-PBF LINER-LTC489CN-PBF Datasheet
142Kb / 12P
   Quad RS485 Line Receiver
More results

Similar Description - LTC489CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC489CSW LINER-LTC489CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC488CN LINER-LTC488CN Datasheet
142Kb / 12P
   Quad RS485 Line Receiver
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
LTC488 LINER-LTC488_15 Datasheet
137Kb / 12P
   Quad RS485 Line Receiver
LTC489 LINER-LTC489_15 Datasheet
137Kb / 12P
   Quad RS485 Line Receiver
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115 Datasheet
99Kb / 4P
   Quad Line Receiver
1996 REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
   Quad Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com