Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC692 Datasheet(PDF) 2 Page - Linear Technology

Part No. LTC692
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC692 Datasheet(HTML) 2 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC692/LTC693
RESET
CONDITIONAL
THRESHOLD
WATCHDOG
BATTERY
POWER FAIL
RAM WRITE
PUSHBUTTON
BATTERY
PINS
(V)
TIMER
BACKUP
WARNING
PROTECT
RESET
BACKUP
LTC692
8
4.40
X
X
X
LTC693
16
4.40
X
X
X
X
LTC690
8
4.65
X
X
X
LTC691
16
4.65
X
X
X
X
LTC694
8
4.65
X
X
X
LTC695
16
4.65
X
X
X
X
LTC699
8
4.65
X
LTC1232
8
4.37/4.62
X
X
LTC1235
16
4.65
X
X
X
X
X
X
LTC694-3.3
8
2.90
X
X
X
LTC695-3.3
16
2.90
X
X
X
X
A
G
A
U
A
R
BSOLUTEXI
TI
S (Notes 1 and 2)
Terminal Voltage
VCC .................................................... –0.3V to 6.0V
VBATT ................................................. –0.3V to 6.0V
All Other Inputs .................. – 0.3V to (VOUT + 0.3V)
Input Current
VCC .............................................................. 200mA
VBATT ............................................................. 50mA
GND............................................................... 20mA
VOUT Output Current .................. Short Circuit Protected
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC692C/LTC693C ............................... 0
°C to 70°C
LTC692I/LTC693I ............................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
PRODUCT SELECTIO GUIDE
LTC692CN8
LTC692IN8
LTC692CS8
LTC692IS8
S8 PART MARKING
692
692I
TJMAX = 110°C, θJA = 130°C/W (N)
TJMAX = 110°C, θJA = 180°C/W (S)
S8 Package Conditions: PCB Mount on FR4 Material,
Still Air at 25
°C, Copper Trace
1
2
3
4
8
7
6
5
TOP VIEW
VOUT
VCC
GND
PFI
VBATT
RESET
WDI
PFO
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SOIC
LTC693CN
LTC693IN
LTC693CS
LTC693IS
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PLASTIC DIP
16
15
14
13
12
11
10
9
VBATT
VOUT
VCC
GND
BATT ON
LOW LINE
OSC IN
OSC SEL
RESET
RESET
WDO
CE IN
CE OUT
WDI
PFO
PFI
S PACKAGE
16-LEAD PLASTIC SOL
TJMAX = 110°C, θJA = 130°C/W (N, S)
S16 Package Conditions: PCB Mount on FR4 Material,
Still Air at 25
°C, Copper Trace
(Note 3)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn