Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER103G Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # HER103G
Description  Plastic High-Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

HER103G Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  HER103G Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd HER103G Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HER101G ...... HER108G
SIYU R
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
0.2
1
2
10
Tj = 25 °C
HER101G--
HER103G
HER106G--
HER108G
HER104G
HER105G
10mm
10mm
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75 100 125 150 175
10mm
10mm
1
2
4 6
10
20
40
100
40
30
20
10
0
50
大昌电子
DACHANG ELECTRONICS


Similar Part No. - HER103G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER103G JGD-HER103G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER103G CHONGQING-HER103G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Jinan Jing Heng Electro...
HER103G JINGHENG-HER103G Datasheet
60Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shanghai Lunsure Electr...
HER103G CHENYI-HER103G Datasheet
157Kb / 2P
   GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
logo
SeCoS Halbleitertechnol...
HER103G SECOS-HER103G Datasheet
454Kb / 2P
   1.0 AMP Glass Passivated High Efficiency Rectifier
More results

Similar Description - HER103G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER201G DACHANG-HER201G_15 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers
HER251 DACHANG-HER251_15 Datasheet
119Kb / 2P
   Plastic High-Efficiency Rectifiers
HER251G DACHANG-HER251G_15 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers
HER601 DACHANG-HER601_15 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers
EG1 DACHANG-EG1_15 Datasheet
119Kb / 2P
   Plastic High-Efficiency Rectifiers
EG1A DACHANG-EG1A_15 Datasheet
118Kb / 2P
   Plastic High-Efficiency Rectifiers
HER101 DACHANG-HER101_15 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers
HER501 DACHANG-HER501_15 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Shanghai Leiditech Elec...
UF4001 LEIDITECH-UF4001 Datasheet
672Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Rugao Dachang Electroni...
HER151 DACHANG-HER151_15 Datasheet
159Kb / 2P
   Plastic High-Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com