Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM650P03CX Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM650P03CX
Description  30V P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM650P03CX Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM650P03CX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM650P03CX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM650P03CX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM650P03CX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM650P03CX Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM650P03CX
30V P-Channel Power MOSFET
1/5
Version: A14
SOT-23
Key Parameter Performance
Parameter
Value
Unit
VDS
-30
V
RDS(on) (max)
VGS =- 10V
65
m
Ω
VGS = -4.5V
75
VGS = -2.5V
100
Qg
8
nC
Features
Fast Switching
Suited for -2.5V Gate Drive Applications
Halogen-free
Block Diagram
P-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM650P03CX RFG
SOT-23
3kcs / 7
” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds
Absolute Maximum Ratings (T
C = 25°C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
TC = 25°C
ID
-4.1
A
TC = 100°C
-2.6
A
Pulsed Drain Current
(Note 1)
IDM
-16.4
A
Power Dissipation @ TC = 25℃
PD
1.56
W
Operating Junction Temperature
TJ
150
°
C
Storage Temperature Range
TSTG
-55 to +150
°
C
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Ambient
RӨJA
80
°
C/W
Pin Definition:
1. Gate
2. Source
3. Drain


Similar Part No. - TSM650P03CX

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM650P02CX TSC-TSM650P02CX Datasheet
498Kb / 5P
   20V P-Channel Power MOSFET
TSM650P02CXRFG TSC-TSM650P02CXRFG Datasheet
498Kb / 5P
   20V P-Channel Power MOSFET
More results

Similar Description - TSM650P03CX

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LP3419DT2AG LRC-LP3419DT2AG Datasheet
142Kb / 3P
   30V P-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM600P03CS TSC-TSM600P03CS Datasheet
275Kb / 5P
   30V P-Channel Power MOSFET
TSM180P03CS TSC-TSM180P03CS Datasheet
280Kb / 5P
   30V P-Channel Power MOSFET
logo
Unisonic Technologies
UT4435 UTC-UT4435 Datasheet
184Kb / 5P
   30V P-CHANNEL POWER MOSFET
UTT75P03 UTC-UTT75P03 Datasheet
136Kb / 3P
   75A, 30V P-CHANNEL POWER MOSFET
UTT100P03 UTC-UTT100P03 Datasheet
131Kb / 3P
   100A, 30V P-CHANNEL POWER MOSFET
UT70P03 UTC-UT70P03 Datasheet
297Kb / 5P
   75A, 30V P-CHANNEL POWER MOSFET
UTT36P03 UTC-UTT36P03 Datasheet
129Kb / 3P
   -30V, -36A P-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com