Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2404CG Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2404CG
Description  4-/8-Channel 24-Bit uPower No Latency ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2404CG Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2404CG Datasheet HTML 11Page - Linear Technology LTC2404CG Datasheet HTML 12Page - Linear Technology LTC2404CG Datasheet HTML 13Page - Linear Technology LTC2404CG Datasheet HTML 14Page - Linear Technology LTC2404CG Datasheet HTML 15Page - Linear Technology LTC2404CG Datasheet HTML 16Page - Linear Technology LTC2404CG Datasheet HTML 17Page - Linear Technology LTC2404CG Datasheet HTML 18Page - Linear Technology LTC2404CG Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15
LTC2404/LTC2408
APPLICATIONS INFORMATION
Table 4. LTC2404/LTC2408 State Duration
State
Operating Mode
Duration
CONVERT
Internal Oscillator
FO = LOW (60Hz Rejection)
133ms
FO = HIGH (50Hz Rejection)
160ms
External Oscillator
FO = External Oscillator
20480/fEOSC (In Seconds)
with Frequency fEOSC kHz
(fEOSC/2560 Rejection)
SLEEP
As Long As CS = HIGH Until CS = 0 and SCK
DATA OUTPUT
Internal Serial Clock
FO = LOW/HIGH
As Long As CS = LOW But Not Longer Than 1.67ms
(Internal Oscillator)
(32 SCK cycles)
FO = External Oscillator with
As Long As CS = LOW But Not Longer Than 256/fEOSCms
Frequency fEOSC kHz
(32 SCK cycles)
External Serial Clock with
As Long As CS = LOW But Not Longer Than 32/fSCKms
Frequency fSCK kHz
(32 SCK cycles)
MAXIMUM OUTPUT
WORD RATE
Figure 4. LTC2404/LTC2408 Normal Mode Rejection When
Using an External Oscillator of Frequency fEOSC
INPUT FREQUENCY DEVIATION FROM NOTCH FREQUENCY (%)
–12
–8
–4
048
12
24048 F04
–60
–70
–80
–90
–100
–110
–120
–130
–140
The selection of 50Hz or 60Hz rejection can also be made
by driving FO to an appropriate logic level. A selection
change during the sleep or data output states will not
disturb the converter operation. If the selection is made
during the conversion state, the result of the conversion in
progress may be outside specifications but the following
conversions will not be affected.
When a fundamental rejection frequency different from
50Hz or 60Hz is required or when the converter must be
synchronized with an outside source, the LTC2404/
LTC2408 can operate with an external conversion clock.
The converter automatically detects the presence of an
external clock signal at the FO pin and turns off the internal
oscillator. The frequency fEOSC of the external signal must
be at least 2560Hz (1Hz notch frequency) to be detected.
The external clock signal duty cycle is not significant as
long as the minimum and maximum specifications for the
high and low periods tHEO and tLEO are observed.
While operating with an external conversion clock of a
frequency fEOSC, the LTC2404/LTC2408 provide better
than 110dB normal mode rejection in a frequency range
fEOSC/2560 ±4% and its harmonics. The normal mode
rejection as a function of the input frequency deviation
from fEOSC/2560 is shown in Figure 4.
Whenever an external clock is not present at the FO pin the
converter automatically activates its internal oscillator
and enters the Internal Conversion Clock mode. The
LTC2404/LTC2408 operation will not be disturbed if the
change of conversion clock source occurs during the
sleep state or during the data output state while the
converter uses an external serial clock. If the change
occurs during the conversion state, the result of the
conversion in progress may be outside specifications but
the following conversions will not be affected. If the
change occurs during the data output state and the
converter is in the Internal SCK mode, the serial clock duty
cycle may be affected but the serial data stream will
remain valid.
Table 4 summarizes the duration of each state as a
function of FO.
OWR
tt
in Hz
CONVERT
DATAOUTPUT
=
+
1


Similar Part No. - LTC2404CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2404 LINER-LTC2404_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
More results

Similar Description - LTC2404CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2404 LINER-LTC2404_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2414 LINER-LTC2414_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2400 LINER-LTC2400 Datasheet
455Kb / 40P
   24-Bit uPower No Latency ADC in SO-8
LTC2414 LINER-LTC2414 Datasheet
792Kb / 48P
   8-/16-Channel 24-Bit No Latency TM ADCs
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2421 LINER-LTC2421 Datasheet
368Kb / 32P
   1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com