Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM500P02CXRFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM500P02CXRFG
Description  20V P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM500P02CXRFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM500P02CXRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM500P02CXRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM500P02CXRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM500P02CXRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM500P02CXRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM500P02CX
20V P-Channel Power MOSFET
1/5
Version: A14
SOT-23
Key Parameter Performance
Parameter
Value
Unit
VDS
-20
V
RDS(on) (max)
VGS = -4.5V
50
m
Ω
VGS = -2.5V
65
VGS = -1.8V
85
Qg
9.6
nC
Features
Fast Switching
Suited for -1.8V Gate Drive Applications
Halogen-free
Block Diagram
P-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM500P02CX RFG
SOT-23
3Kpcs / 7
” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds
Absolute Maximum Ratings (T
C = 25°C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±10
V
Continuous Drain Current
TC = 25°C
ID
-4.7
A
TC = 100°C
-3
A
Pulsed Drain Current
(Note 1)
IDM
-18.8
A
Power Dissipation @ TC = 25°C
PD
1.56
W
Operating Junction Temperature
TJ
150
°
C
Storage Temperature Range
TSTG
-55 to +150
°
C
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Ambient
RӨJA
80
°
C/W
Pin Definition:
1. Gate
2. Source
3. Drain


Similar Part No. - TSM500P02CXRFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM500P02D TSC-TSM500P02D Datasheet
244Kb / 6P
   P-Channel Power MOSFET
TSM500P02DCQ TSC-TSM500P02DCQ Datasheet
515Kb / 5P
   20V Dual P-Channel MOSFET
TSM500P02DCQRFG TSC-TSM500P02DCQRFG Datasheet
515Kb / 5P
   20V Dual P-Channel MOSFET
More results

Similar Description - TSM500P02CXRFG

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT8307 ANALOGICTECH-AAT8307 Datasheet
168Kb / 6P
   20V P-Channel Power MOSFET
AAT8401 ANALOGICTECH-AAT8401 Datasheet
158Kb / 6P
   20V P-Channel Power MOSFET
AAT8515 ANALOGICTECH-AAT8515 Datasheet
79Kb / 6P
   20V P-Channel Power MOSFET
AAT8343 ANALOGICTECH-AAT8343_06 Datasheet
216Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1480WT1G LRC-LP1480WT1G Datasheet
489Kb / 5P
   -20V P-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM260P02CX6 TSC-TSM260P02CX6 Datasheet
327Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT8343 ANALOGICTECH-AAT8343 Datasheet
124Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1488WT1G LRC-LP1488WT1G Datasheet
439Kb / 3P
   -20V P-Channel Power Mosfet
logo
Union Semiconductor, In...
UM8516 UNIONSEMI-UM8516 Datasheet
275Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT7357 ANALOGICTECH-AAT7357 Datasheet
207Kb / 6P
   20V P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com