Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2424 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2424
Description  4-/8-Channel 20-Bit uPower No Latency ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2424 Datasheet(HTML) 3 Page - Linear Technology

  LTC2424 Datasheet HTML 1Page - Linear Technology LTC2424 Datasheet HTML 2Page - Linear Technology LTC2424 Datasheet HTML 3Page - Linear Technology LTC2424 Datasheet HTML 4Page - Linear Technology LTC2424 Datasheet HTML 5Page - Linear Technology LTC2424 Datasheet HTML 6Page - Linear Technology LTC2424 Datasheet HTML 7Page - Linear Technology LTC2424 Datasheet HTML 8Page - Linear Technology LTC2424 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC2424/LTC2428
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
(Note 14)
q
– 0.125 • VREF
1.125 • VREF
V
VREF
Reference Voltage Range
q
0.1
VCC
V
CS(IN)
Input Sampling Capacitance
1
pF
CS(REF)
Reference Sampling Capacitance
1.5
pF
IIN(LEAK)
Input Leakage Current
CS = VCC
q
–100
1
100
nA
IREF(LEAK)
Reference Leakage Current
VREF = 2.5V, CS = VCC
q
– 100
1
100
nA
IIN(MUX)
On Channel Leakage Current
VS = 2.5V (Note 15)
q
±20
nA
RON
MUX On-Resistance
IOUT = 1mA, VCC = 2.7V
q
250
300
IOUT = 1mA, VCC = 5V
q
120
250
MUX
∆RON vs Temperature
0.5
%/
°C
∆RON vs VS (Note 15)
20
%
IS(OFF)
MUX Off Input Leakage
Channel Off, VS = 2.5V
q
±20
nA
ID(OFF)
MUX Off Output Leakage
Channel Off, VD = 2.5V
q
±20
nA
tOPEN
MUX Break-Before-Make Interval
290
ns
tON
Enable Turn-On Time
VS = 1.5V, RL = 3.4k, CL = 15pF
490
ns
tOFF
Enable Turn-Off Time
VS = 1.5V, RL = 3.4k, CL = 15pF
190
ns
QIRR
MUX Off Isolation
VIN = 2VP-P, RL = 1k, f = 100kHz
70
dB
QINJ
Charge Injection
RS = 0Ω, CL = 1000pF, VS = 1V
±1pC
CS(OFF)
Input Off Capacitance (MUX)
10
pF
CD(OFF)
Output Off Capacitance (MUX)
10
pF
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
A ALOG I PUT A D REFERE CE
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Total Unadjusted Error
VREF = 2.5V
8
ppm of VREF
VREF = 5V
16
ppm of VREF
Output Noise
VIN = 0V, VREF = 5V (Note 13)
6
µVRMS
Output Noise (Fast Mode)
VREF = 5V, 100 Samples/Second, fO = 2.048MHz
20
µVRMS
Normal Mode Rejection 60Hz
±2%
(Note 7)
q
110
130
dB
Normal Mode Rejection 50Hz
±2%
(Note 8)
q
110
130
dB
Power Supply Rejection, DC
VREF = 2.5V, VIN = 0V
100
dB
Power Supply Rejection, 60Hz
±2% VREF = 2.5V, VIN = 0V, (Notes 7, 16)
110
dB
Power Supply Rejection, 50Hz
±2% VREF = 2.5V, VIN = 0V, (Notes 8, 16)
110
dB
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
CONVERTER CHARACTERISTICS


Similar Part No. - LTC2424

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2424 LINER-LTC2424 Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2424CG LINER-LTC2424CG Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2424IG LINER-LTC2424IG Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2424 LINER-LTC2424_09 Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
More results

Similar Description - LTC2424

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2421 LINER-LTC2421 Datasheet
368Kb / 32P
   1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
LTC2424 LINER-LTC2424_09 Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2420 LINER-LTC2420 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2404 LINER-LTC2404_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2414 LINER-LTC2414_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com