Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2424 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2424
Description  4-/8-Channel 20-Bit uPower No Latency ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2424 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2424 Datasheet HTML 11Page - Linear Technology LTC2424 Datasheet HTML 12Page - Linear Technology LTC2424 Datasheet HTML 13Page - Linear Technology LTC2424 Datasheet HTML 14Page - Linear Technology LTC2424 Datasheet HTML 15Page - Linear Technology LTC2424 Datasheet HTML 16Page - Linear Technology LTC2424 Datasheet HTML 17Page - Linear Technology LTC2424 Datasheet HTML 18Page - Linear Technology LTC2424 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
LTC2424/LTC2428
APPLICATIONS INFORMATION
Figure 12. Using the LTC2424/LTC2428’s High Accuracy Wide Dynamic Range
to Digitize a 300mVP-P 15Hz Waveform with a Large DC Offset (VCC = 5V, VREF = 5V)
1.5
2
2.5
0.5
1
TIME (SEC)
2.00
2.05
2.10
24248 F12a
1.95
1.90
1.80
1.85
2.20
2.15
VIN = 300mVP-P + 2V DC
25
50
0
FREQUENCY (Hz)
–60
–40
–20
0
24248 F12b
–80
–100
–120
15Hz
100sps
2V OFFSET
1.5
2
2.5
1
0.5
TIME (SEC)
0.00
0.05
0.10
24248 F12c
–0.05
–0.10
–0.20
–0.15
0.20
0.15
VIN = 300mVP-P + 0V DC
25
50
0
FREQUENCY (Hz)
–60
–40
–20
0
24248 F12d
–80
–100
–120
15Hz
100sps
0V OFFSET
Figure 12b. FFT Waveform with 2V DC Offset
Figure 12a. Digitized Waveform with 2V DC Offset
Figure 12d. FFT Waveform with No Offset
Figure 12c. Digitized Waveform with No Offset
floating at power-up or during this transition, the converter
enters the internal SCK mode. If SCK is LOW at power-up
or during this transition, the converter enters the external
SCK mode.
Multiplexer Serial Input Clock (CLK)
Generally, this pin is externally tied to SCK for 4-wire op-
eration. On the rising edge of CLK (Pin 19) with CSMUX held
HIGH, data is serially shifted into the multiplexer. If CSMUX
is LOW the CLK input will be disabled and the channel
selection unchanged.
Serial Data Output (SDO)
The serial data output pin, SDO (Pin 24), drives the serial
data during the data output state. In addition, the SDO pin
is used as an end of conversion indicator during the
conversion and sleep states.
When CSADC (Pin 23) is HIGH, the SDO driver is switched
to a high impedance state. This allows sharing the serial
interface with other devices. If CSADC is LOW during the
convert or sleep state, SDO will output EOC. If CSADC is
LOW during the conversion phase, the EOC bit appears
HIGH on the SDO pin. Once the conversion is complete,
EOC goes LOW. The device remains in the sleep state until
the first rising edge of SCK occurs while CSADC = 0.
ADC Chip Select Input (CSADC)
The active LOW chip select, CSADC (Pin 23), is used to test
the conversion status and to enable the data output
transfer as described in the previous sections.


Similar Part No. - LTC2424

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2424 LINER-LTC2424 Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2424CG LINER-LTC2424CG Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2424IG LINER-LTC2424IG Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2424 LINER-LTC2424_09 Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
More results

Similar Description - LTC2424

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2421 LINER-LTC2421 Datasheet
368Kb / 32P
   1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
LTC2424 LINER-LTC2424_09 Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
LTC2420 LINER-LTC2420 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2404 LINER-LTC2404_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2414 LINER-LTC2414_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com