Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL-1004WC2D-W2-1SD Datasheet(PDF) 7 Page - Lucky Light Electronic

Part # LL-1004WC2D-W2-1SD
Description  White LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-1004WC2D-W2-1SD Datasheet(HTML) 7 Page - Lucky Light Electronic

  LL-1004WC2D-W2-1SD_15 Datasheet HTML 1Page - Lucky Light Electronic LL-1004WC2D-W2-1SD_15 Datasheet HTML 2Page - Lucky Light Electronic LL-1004WC2D-W2-1SD_15 Datasheet HTML 3Page - Lucky Light Electronic LL-1004WC2D-W2-1SD_15 Datasheet HTML 4Page - Lucky Light Electronic LL-1004WC2D-W2-1SD_15 Datasheet HTML 5Page - Lucky Light Electronic LL-1004WC2D-W2-1SD_15 Datasheet HTML 6Page - Lucky Light Electronic LL-1004WC2D-W2-1SD_15 Datasheet HTML 7Page - Lucky Light Electronic LL-1004WC2D-W2-1SD_15 Datasheet HTML 8Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Luckylight
Spec No.: B810 X285
Rev No.: V.2
Date: Jun/26/2006
Page: 7 OF 8
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
http://www.luckylight.cn
Typical Electrical / Optical Characteristics Curves
(25
Ambient Temperature Unless Otherwise Noted)
100
80
60
40
20
0
Spectrum Distribution
Ta=25°C
400
450
500
550
600
650
700
100
80
60
40
20
0
Wavelength λp (nm)
Forward Current & Forward Voltage
Forward Voltage VF (V)
Luminous Intensity &
Ambient Temperature
1
1000
-60
Ambient Temperature Ta ()
100
10
-40 -20 0 20 40 60 80 100
Luminous Intensity & Forward Current
1
1000
10
Forward Current IF (mA)
100
10
0
10
1
10
2
10
3
f=1KHz
Duty=1/10
Ta=25
Forward Current Derating Curve
0
0
10
20
30
40
50
25
20
40
60
80
100
0.3
0
0.7
0.8
1.0
0.9
0.10 0.2 0.4 0.6
0.5
o
10
o
20
o
30
o
40
o
50
o
60
o
70
o
80
o
90
o
Radiation Diagram
Ta=25°C
Ambient Temperature Ta ()
2.8
0
10
20
30
40
50
3.0 3.2 3.4 3.6 3.8 4.0


Similar Part No. - LL-1004WC2D-W2-1SD_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-1004WC2D-W2-1SD LUCKY-LIGHT-LL-1004WC2D-W2-1SD Datasheet
230Kb / 8P
   10mm Round With Flange Type White LED Technical Data Sheet
LL-1004WC2D-W2-1SD LUCKY-LIGHT-LL-1004WC2D-W2-1SD Datasheet
230Kb / 8P
   White LED
More results

Similar Description - LL-1004WC2D-W2-1SD_15

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
   WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
   WHITE LED
logo
Lucky Light Electronic
LL-804WC2C-W2-3SD LUCKY-LIGHT-LL-804WC2C-W2-3SD Datasheet
232Kb / 8P
   White LED
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
   WHITE LED
NSPW500DS MARL-NSPW500DS Datasheet
420Kb / 15P
   WHITE LED
NSPW515DS MARL-NSPW515DS Datasheet
195Kb / 15P
   WHITE LED
logo
List of Unclassifed Man...
NFSW036T ETC-NFSW036T Datasheet
822Kb / 14P
   WHITE LED
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J_15 Datasheet
205Kb / 7P
   White LED
logo
NICHIA CORPORATION
NC2W170CT NICHIA-NC2W170CT Datasheet
296Kb / 19P
   WHITE LED
NESW146AT NICHIA-NESW146AT Datasheet
286Kb / 18P
   WHITE LED
NFSW757DT-V1M3 NICHIA-NFSW757DT-V1M3 Datasheet
272Kb / 18P
   WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com