Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2400I Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2400I
Description  24-Bit uPower No Latency ADC in SO-8
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400I Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2400I Datasheet HTML 9Page - Linear Technology LTC2400I Datasheet HTML 10Page - Linear Technology LTC2400I Datasheet HTML 11Page - Linear Technology LTC2400I Datasheet HTML 12Page - Linear Technology LTC2400I Datasheet HTML 13Page - Linear Technology LTC2400I Datasheet HTML 14Page - Linear Technology LTC2400I Datasheet HTML 15Page - Linear Technology LTC2400I Datasheet HTML 16Page - Linear Technology LTC2400I Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
LTC2400
Table 3. LTC2400 State Duration
State
Operating Mode
Duration
CONVERT
Internal Oscillator
FO = LOW
133ms
(60Hz Rejection)
FO = HIGH
160ms
(50Hz Rejection)
External Oscillator
FO = External Oscillator
20480/fEOSCs
with Frequency fEOSC kHz
(fEOSC/2560 Rejection)
SLEEP
As Long As CS = HIGH Until CS = 0 and SCK
DATA OUTPUT
Internal Serial Clock
FO = LOW/HIGH
As Long As CS = LOW But Not Longer Than 1.67ms
(Internal Oscillator)
(32 SCK cycles)
FO = External Oscillator with
As Long As CS = LOW But Not Longer Than 256/fEOSCms
Frequency fEOSC kHz
(32 SCK cycles)
External Serial Clock with
As Long As CS = LOW But Not Longer Than 32/fSCKms
Frequency fSCK kHz
(32 SCK cycles)
APPLICATIONS INFORMATION
The selection of 50Hz or 60Hz rejection can also be made
by driving FO to an appropriate logic level. A selection
change during the sleep or data output states will not
disturb the converter operation. If the selection is made
during the conversion state, the result of the conversion in
progress may be outside specifications but the following
conversions will not be affected.
When a fundamental rejection frequency different from
50Hz or 60Hz is required or when the converter must be
synchronized with an outside source, the LTC2400 can
operate with an external conversion clock. The converter
automatically detects the presence of an external clock
signal at the FO pin and turns off the internal oscillator. The
frequency fEOSC of the external signal must be at least
2560Hz (1Hz notch frequency) to be detected. The exter-
nal clock signal duty cycle is not significant as long as the
minimum and maximum specifications for the high and
low periods tHEO and tLEO are observed.
While operating with an external conversion clock of a
frequency fEOSC, the LTC2400 provides better than 110dB
normal mode rejection in a frequency range fEOSC/2560
±4% and its harmonics. The normal mode rejection as a
function of the input frequency deviation from fEOSC/2560
is shown in Figure 4.
Whenever an external clock is not present at the FO pin, the
converter automatically activates its internal oscillator and
enters the Internal Conversion Clock mode. The LTC2400
INPUT FREQUENCY DEVIATION FROM NOTCH FREQUENCY (%)
–12
–8
–4
048
12
2400 G25
–60
–70
–80
–90
–100
–110
–120
–130
–140
Figure 4. LTC2400 Normal Mode Rejection When
Using an External Oscillator of Frequency fEOSC
operation will not be disturbed if the change of conversion
clock source occurs during the sleep state or during the
data output state while the converter uses an external
serial clock. If the change occurs during the conversion
state, the result of the conversion in progress may be
outside specifications but the following conversions will
not be affected. If the change occurs during the data output
state and the converter is in the Internal SCK mode, the
serial clock duty cycle may be affected but the serial data
stream will remain valid.
Table 3 summarizes the duration of each state as a
function of FO.


Similar Part No. - LTC2400I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2400 LINER-LTC2400_15 Datasheet
475Kb / 40P
   24-Bit Power No Latency ADC in SO-8
More results

Similar Description - LTC2400I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2420 LINER-LTC2420 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2400 LINER-LTC2400_15 Datasheet
475Kb / 40P
   24-Bit Power No Latency ADC in SO-8
LTC2420 LINER-LTC2420_15 Datasheet
367Kb / 28P
   20-Bit mPower No Latency ADC in SO-8
LTC2401 LINER-LTC2401 Datasheet
171Kb / 12P
   1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2420 LINER-LTC2420_09 Datasheet
395Kb / 36P
   20-Bit mPower No Latency DSTM ADC in SO-8
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2411 LINER-LTC2411 Datasheet
489Kb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com