Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR204G Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # FR204G
Description  Plastic Fast Recover Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

FR204G Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  FR204G Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd FR204G Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
正向特性曲线(典型值)
正向电压
VF(V)
通过电流的周期
浪涌特性曲线(最大值)
特性曲线 Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
FR201G ...... FR207G
SIYU R
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
0.2
1
2
10
Tj = 25 °C
1
2
4 6
10
20
40
100
80
60
40
20
0
大昌电子
DACHANG ELECTRONICS
环境温度 Ta(
°C)
FORWARD CURRENT DERATING CURVE
Tamb, ambient temperature (°C)
正向电流降额曲线
10mm
10mm
2.6
2.4
2.0
1.6
1.2
0.8
0.4
0
0
25
50
75 100 125 150 175
10mm
10mm


Similar Part No. - FR204G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
FR204G ZSELEC-FR204G Datasheet
118Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Rectron Semiconductor
FR204G RECTRON-FR204G Datasheet
24Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Galaxy Semi-Conductor H...
FR204G BILIN-FR204G Datasheet
76Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Sangdest Microelectroni...
FR204G SMC-FR204G Datasheet
177Kb / 4P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Yangzhou yangjie electr...
FR204G YANGJIE-FR204G Datasheet
202Kb / 2P
   Fast Recovery Rectifier
More results

Similar Description - FR204G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR1507 ETC-PR1507 Datasheet
161Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rugao Dachang Electroni...
EU1Z DACHANG-EU1Z_15 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
FR601 DACHANG-FR601_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
MPG06A DACHANG-MPG06A_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
TVR1B DACHANG-TVR1B_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
1N4933 DACHANG-1N4933_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
BA157 DACHANG-BA157_15 Datasheet
125Kb / 2P
   Plastic Fast Recover Rectifier
FR251 DACHANG-FR251_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
RU3 DACHANG-RU3_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
FR301G DACHANG-FR301G_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
FR151 DACHANG-FR151_15 Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com