Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1873 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1873
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1873 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1873 Datasheet HTML 7Page - Linear Technology LTC1873 Datasheet HTML 8Page - Linear Technology LTC1873 Datasheet HTML 9Page - Linear Technology LTC1873 Datasheet HTML 10Page - Linear Technology LTC1873 Datasheet HTML 11Page - Linear Technology LTC1873 Datasheet HTML 12Page - Linear Technology LTC1873 Datasheet HTML 13Page - Linear Technology LTC1873 Datasheet HTML 14Page - Linear Technology LTC1873 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
LTC1873
pin. The output is connected to COMP, which is in turn
connected to the soft-start circuitry and from there to the
PWM generator.
Unlike many regulators that use a resistor divider con-
nected to a high impedance feedback input, the LTC1873
is designed to use an inverting summing amplifier topol-
ogy with the FB pin configured as a virtual ground. This
allows flexibility in choosing pole and zero locations not
available with simple gm configurations. In particular, it
allows the use of “type 3” compensation, which provides
a phase boost at the LC pole frequency and significantly
improves loop phase margin (see Figure 3). The Feedback
Loop/Compensation section contains a detailed explana-
tion of type 3 feedback loops. Note that side 1 of the
LTC1873 includes R1 and RB internally as part of the VID
DAC circuitry.
MIN/MAX COMPARATORS
Two additional feedback loops keep an eye on the primary
feedback amplifier and step in if the feedback node moves
±5% from its nominal 800mV value. The MAX comparator
(see Block Diagram) activates whenever FB rises more
than 5% above 800mV. It immediately turns the top
MOSFET (QT) off and the bottom MOSFET (QB) on and
keeps them that way until FB falls back within 5% of its
nominal value. This pulls the output down as fast as
possible, preventing damage to the (often expensive)
load. If FB rises because the output is shorted to a higher
supply, QB will stay on until the short goes away, the
higher supply current limits or QB dies trying to save the
load. This behavior provides maximum protection against
overvoltage faults at the output, while allowing the circuit
Figure 3. “Type 3” Feedback Loop (Side 2 Shown)
0.8V
VOUT
RB
1873 F03
COMP
+
FB
FB
C2
C3
C1
R2
R1
R3
to resume normal operation when the fault is removed.
The overvoltage protection circuit can optionally be set to
latch the output off permanently (see the Overvoltage Fault
section).
The MIN comparator (see Block Diagram) trips whenever
FB is more than 5% below 800mV and immediately forces
the switch duty cycle to 90% to bring the output voltage
back into range. It releases when FB is within the 5%
window. MIN is disabled when the soft-start or current
limit circuits are active—the only two times that the
output should legitimately be below its regulated value.
Notice that the FB pin is the virtual ground node of the
feedback amplifier. A typical compensation network does
not include local DC feedback around the amplifier, so that
the DC level at FB will be an accurate replica of the output
voltage, divided down by R1 and RB (Figure 3). However,
the compensation capacitors will tend to attenuate AC
signals at FB, especially with low bandwidth type 1 feed-
back loops. This creates a situation where the MIN and
MAX comparators do not respond immediately to shifts in
the output voltage, since they monitor the output at FB.
Maximizing feedback loop bandwidth will minimize these
delays and allow MIN and MAX to operate properly. See
the Feedback Loop/Compensation section.
SHUTDOWN/SOFT-START
Each half of the LTC1873 has a RUN/SS pin. The RUN/SS
pins perform two functions: when pulled to ground, each
shuts down its half of the LTC1873, and each acts as a
conventional soft-start pin, enforcing a maximum duty
cycle limit proportional to the voltage at RUN/SS. An
internal 3.5
µA current source pull-up is connected to each
RUN/SS pin, allowing a soft-start ramp to be generated
with a single external capacitor to ground. The 3.5
µA
current sources are active even when the LTC1873 is shut
down, ensuring the device will start when any external
pull-down at RUN/SS is released. Either side can be shut
down without affecting the operation of the other side. If
both sides are shut down at the same time, the LTC1873
goes into a micropower sleep mode, and quiescent cur-
rent drops typically below 50
µA. Entering sleep mode also
resets the FAULT latch, if it was set.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1873

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1873 LINER-LTC1873_15 Datasheet
323Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results

Similar Description - LTC1873

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873_15 Datasheet
323Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1705 LINER-LTC1705 Datasheet
310Kb / 28P
   Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
LTC1705 LINER-LTC1705_15 Datasheet
328Kb / 28P
   Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com