Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM70N600 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM70N600
Description  N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM70N600 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM70N600 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM70N600 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM70N600 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM70N600 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM70N600 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM70N600 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM70N600 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM70N600 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM70N600 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TSM70N600
Taiwan Semiconductor
Document Number: DS_P0000138
3
Version: C15
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TSM70N600CI C0G
ITO-220
50pcs / Tube
TSM70N600CH C5G
TO-251 (IPAK)
75pcs / Tube
TSM70N600CP ROG
TO-252 (DPAK)
2,500pcs / 13” Reel
Note:
1.
Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC
2.
Halogen-free according to IEC 61249-2-21 definition


Similar Part No. - TSM70N600

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM70N600ACL TSC-TSM70N600ACL Datasheet
894Kb / 6P
   N-Channel Power MOSFET
More results

Similar Description - TSM70N600

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com