Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM60N900 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSM60N900
Description  600V, 4.5A, 0.9廓 N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM60N900 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM60N900 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM60N900 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM60N900 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM60N900 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM60N900 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM60N900 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM60N900 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM60N900 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM60N900 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TSM60N900
600V, 4.5A, 0.9
Ω
N-Channel Power MOSFET
4/9
Version: B14
Electrical Characteristics Curves
Capacitance vs. Drain-Source Voltage
BVDSS vs. Junction Temperature
Maximum Safe Operating Area (DPAK/IPAK)
Maximum Safe Operating Area (ITO-220)


Similar Part No. - TSM60N900

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N03 TSC-TSM60N03 Datasheet
71Kb / 4P
   30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03 Datasheet
303Kb / 4P
   30V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM60N03CP VBSEMI-TSM60N03CP Datasheet
902Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
logo
Taiwan Semiconductor Co...
TSM60N03CPROG TSC-TSM60N03CPROG Datasheet
303Kb / 4P
   30V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM60N03CPROG VBSEMI-TSM60N03CPROG Datasheet
1,003Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - TSM60N900

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP5N60 TAK_CHEONG-TFP5N60 Datasheet
215Kb / 4P
   N-Channel Power MOSFET 4.5A, 600V, 2.4廓
TFF5N60 TAK_CHEONG-TFF5N60 Datasheet
194Kb / 4P
   N-Channel Power MOSFET 4.5A, 600V, 2.4廓
logo
Fairchild Semiconductor
FDPF5N60NZ FAIRCHILD-FDPF5N60NZ Datasheet
344Kb / 10P
   N-Channel MOSFET 600V, 4.5A, 2.0廓
logo
Taiwan Semiconductor Co...
TSM70N900 TSC-TSM70N900 Datasheet
479Kb / 9P
   700V, 4.5A, 0.9 N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDP6N60ZU FAIRCHILD-FDP6N60ZU Datasheet
531Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
logo
Tak Cheong Electronics ...
TFF830 TAK_CHEONG-TFF830 Datasheet
310Kb / 7P
   N-Channel Power MOSFET 4.5A, 500V, 1.50廓
TFP830 TAK_CHEONG-TFP830 Datasheet
330Kb / 7P
   N-Channel Power MOSFET 4.5A, 500V, 1.50廓
logo
Unisonic Technologies
UF830 UTC-UF830 Datasheet
307Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
UF830Z UTC-UF830Z Datasheet
280Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com