Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM60N600 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSM60N600
Description  600V, 8A, 0.6廓 N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM60N600 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM60N600 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM60N600 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM60N600 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM60N600 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM60N600 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM60N600 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM60N600 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM60N600 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM60N600 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TSM60N600
600V, 8A, 0.6Ω
N-Channel Power MOSFET
4/9
Version: A14
Electrical Characteristics Curves
Capacitance vs. Drain-Source Voltage
BVDSS vs. Junction Temperature
Maximum Safe Operating Area (DPAK/IPAK)
Maximum Safe Operating Area (ITO-220)


Similar Part No. - TSM60N600

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N03 TSC-TSM60N03 Datasheet
71Kb / 4P
   30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03 Datasheet
303Kb / 4P
   30V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM60N03CP VBSEMI-TSM60N03CP Datasheet
902Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
logo
Taiwan Semiconductor Co...
TSM60N03CPROG TSC-TSM60N03CPROG Datasheet
303Kb / 4P
   30V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM60N03CPROG VBSEMI-TSM60N03CPROG Datasheet
1,003Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - TSM60N600

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM10ND60CI TSC-TSM10ND60CI Datasheet
333Kb / 6P
   N-Channel Power MOSFET 600V, 10A, 0.6廓
logo
Tak Cheong Electronics ...
TFF8N60 TAK_CHEONG-TFF8N60 Datasheet
288Kb / 7P
   N-Channel Power MOSFET 8A, 600V, 1.15廓
TFP8N60 TAK_CHEONG-TFP8N60 Datasheet
762Kb / 8P
   N-Channel Power MOSFET 8A, 600V, 1.0廓
logo
E-CMOS Corporation
EC7408N60 E-CMOS-EC7408N60 Datasheet
339Kb / 5P
   600V, 8A N-Channel Power MOSFET
logo
Unisonic Technologies
8N60 UTC-8N60_11 Datasheet
229Kb / 8P
   8A, 600V N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
KNX4760A KIA-KNX4760A Datasheet
341Kb / 7P
   8A 600V N-CHANNEL MOSFET
logo
Alpha & Omega Semicondu...
AOT8N60 AOSMD-AOT8N60 Datasheet
183Kb / 6P
   600V, 8A N-Channel MOSFET
logo
Tak Cheong Electronics ...
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
   N-Channel Power MOSFET 8A, 500V, 0.9廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com