Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1736C Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1736C
Description  5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1736C Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1736C Datasheet HTML 7Page - Linear Technology LTC1736C Datasheet HTML 8Page - Linear Technology LTC1736C Datasheet HTML 9Page - Linear Technology LTC1736C Datasheet HTML 10Page - Linear Technology LTC1736C Datasheet HTML 11Page - Linear Technology LTC1736C Datasheet HTML 12Page - Linear Technology LTC1736C Datasheet HTML 13Page - Linear Technology LTC1736C Datasheet HTML 14Page - Linear Technology LTC1736C Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LTC1736
APPLICATIO S I FOR ATIO
CpF
Frequency
OSC()
.(
)
=
161 10
11
7
A graph for selecting COSC versus frequency is given in
Figure 2. The maximum recommended switching fre-
quency is 550kHz .
The internal oscillator runs at its nominal frequency (fO)
when the FCB pin is pulled high to INTVCC or connected to
ground. Clocking the FCB pin above and below 0.8V will
cause the internal oscillator to lock to an external clock
signal with a frequency between 0.9fO and 1.3fO. The clock
high level must exceed 1.3V for at least 0.3
µs, and the
clock low level must be less than 0.3V for at least 0.3
µs.
The top MOSFET turn-on will synchronize with the rising
edge of the external clock.
Attempting to synchronize to too high an external fre-
quency (above 1.3fO) can result in inadequate slope com-
pensation and possible loop instability at high duty cycles.
If this condition exists simply lower the value of COSC so
fEXT = fO according to Figure 2.
cycles to recharge the bootstrap capacitor. This minimizes
audible noise while maintaining reasonably high efficiency.
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. So why would
anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher
frequency generally results in lower efficiency because of
MOSFET gate-charge losses. In addition to this basic
trade-off, the effect of inductor value on ripple current and
low current operation must also be considered.
The inductor value has a direct effect on ripple current. The
inductor ripple current
∆IL decreases with higher induc-
tance or frequency and increases with higher VIN or VOUT:
∆I
fL
V
V
V
L
OUT
OUT
IN
=
1
1
()( )
Accepting larger values of
∆IL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
∆IL= 0.3 to 0.4(IMAX). Remember,
the maximum
∆IL occurs at the maximum input voltage.
The inductor value also has an effect on low current
operation. The transition to low current operation begins
when the inductor current reaches zero while the bottom
MOSFET is on. Burst Mode operation begins when the
average inductor current required results in a peak current
below 25% of the current limit determined by RSENSE.
Lower inductor values (higher
∆IL) will cause this to occur
at higher load currents, which can cause a dip in efficiency
in the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to decrease.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron
cores, forcing the use of more expensive ferrite,
OPERATING FREQUENCY (kHz)
0
100
200
300
400
500
600
1736 F02
100.0
87.5
75.0
62.5
50.0
37.5
25.0
12.5
0
When synchronized to an external clock, Burst Mode op-
eration is disabled but the inductor current is not allowed
to reverse. The 25% minimum inductor current clamp
present in Burst Mode operation is removed, providing
constant frequency discontinuous operation over the wid-
est possible output current range. In this mode the
synchronous MOSFET is forced on once every 10 clock
Figure 2. Timing Capacitor Value


Similar Part No. - LTC1736C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1736 LINER-LTC1736 Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1736 LINER-LTC1736 Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1736 LINER-LTC1736 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1736 LINER-LTC1736_15 Datasheet
338Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1736C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1736 LINER-LTC1736_15 Datasheet
338Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC1709 LINER-LTC1709 Datasheet
370Kb / 28P
   2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709 LINER-LTC1709_15 Datasheet
306Kb / 28P
   2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735_15 Datasheet
410Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735CF LINER-LTC1735CF Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LT8630 LINER-LT8630 Datasheet
399Kb / 8P
   Synchronous Micropower Step-Down High Efficiency Switching Regulator
LTC1707 LINER-LTC1707_1 Datasheet
222Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com