Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1727ES8-2.5 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1727ES8-2.5
Description  Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1727ES8-2.5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1727ES8-2.5 Datasheet HTML 6Page - Linear Technology LTC1727ES8-2.5 Datasheet HTML 7Page - Linear Technology LTC1727ES8-2.5 Datasheet HTML 8Page - Linear Technology LTC1727ES8-2.5 Datasheet HTML 9Page - Linear Technology LTC1727ES8-2.5 Datasheet HTML 10Page - Linear Technology LTC1727ES8-2.5 Datasheet HTML 11Page - Linear Technology LTC1727ES8-2.5 Datasheet HTML 12Page - Linear Technology LTC1727ES8-2.5 Datasheet HTML 13Page - Linear Technology LTC1727ES8-2.5 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1727/LTC1728
Override Functions (5V Versions Only)
The VCCA pin, if unused, can be tied to either VCC3 or VCC5.
This is an obvious solution since the trip points for VCC3
and VCC5 will always be greater than the trip point for VCCA.
The VCC5 input trip point is disabled if its voltage is equal
to the voltage on VCC3 ±25mV and the voltage on VCC5 is
less than 4.15V. In this manner, the LTC1727-5/
LTC1728-5 will behave as a 3.3V monitor and VCC5 reset
capability will be disabled.
The VCC5 trip point is reenabled when the voltage on VCC5
is equal to the voltage on VCC3 ±25mV and the two inputs
are greater than approximately 4.15V. In this manner, the
part can function as a 5V monitor with the 3.3V monitor
disabled.
APPLICATIO S I FOR ATIO
Figure 3. RST Voltage vs Supply Voltage
Figure 2. Single Supply Monitor with Others Disabled
When monitoring either 3.3V or 5V with VCC3 strapped to
VCC5 (see Figure 2), the part determines which is the
appropriate range. The part handles this situation as
shown in Figure 3. Above 1V and below VRT3, RST is held
low. From VRT3 to approximately 4.15V the part assumes
3.3V supply monitoring and RST is deasserted. Above
approximately 4.15V the part operates as a 5V monitor.
In most systems the 5V supply will pass through the 3.1V
to 4.15V region in < 200ms during power-up, and the
RST output will behave as desired. Table 1 summarizes
the state of RST at various operating voltages with
VCC3 = VCC5.
Table 1. Override Truth Table (VCC3 = VCC5)
INPUTS (VCC3 = VCC5 = VCC)
RST
0V
≤ VCC ≤ 1V
1V
≤ VCC ≤ VRT3
0
VRT3 ≤ VCC ≤ 4.15V
1
4.15V
≤ VCC ≤ VRT5
0
VRT5 ≤ VCC
1
VCC3
VCC5
VCCA
GND
1
5
4
3
2
RST
LTC1728-5
1727/28 F02
TO SYSTEM
RESET
R1
10k
VCC
3.3V OR 5V
SUPPLY VOLTAGE (V)
0
3
4
5
4
1727/28 F03
2
1
0
1
2
3
5
VCC3 = VCC5 = VCCA = 0V TO 5V
10k PULL-UP FROM RST TO VCC3


Similar Part No. - LTC1727ES8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1727ES8-2.5 LINER-LTC1727ES8-2.5 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
More results

Similar Description - LTC1727ES8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728ES5-3.3 LINER-LTC1728ES5-3.3 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326IMS8-PBF LINER-LTC1326IMS8-PBF Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1985-1.8 LINER-LTC1985-1.8_15 Datasheet
146Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1326 LINER-LTC1326 Datasheet
303Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
140Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1326 LINER-LTC1326_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com