Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1727EMS8-5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1727EMS8-5
Description  Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1727EMS8-5 Datasheet(HTML) 5 Page - Linear Technology

  LTC1727EMS8-5 Datasheet HTML 1Page - Linear Technology LTC1727EMS8-5 Datasheet HTML 2Page - Linear Technology LTC1727EMS8-5 Datasheet HTML 3Page - Linear Technology LTC1727EMS8-5 Datasheet HTML 4Page - Linear Technology LTC1727EMS8-5 Datasheet HTML 5Page - Linear Technology LTC1727EMS8-5 Datasheet HTML 6Page - Linear Technology LTC1727EMS8-5 Datasheet HTML 7Page - Linear Technology LTC1727EMS8-5 Datasheet HTML 8Page - Linear Technology LTC1727EMS8-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1727/LTC1728
TYPICAL PERFOR A CE CHARACTERISTICS
VCC25 Threshold Voltage
vs Temperature
(LTC1727-2.5/LTC1728-2.5)
TEMPERATURE (
°C)
–60
2.3750
2.3675
2.3600
2.3525
2.3450
2.3375
2.3300
2.3225
2.3150
2.3075
2.3000
–20
20
40
1727/28 G10
–40
0
60
80
100
VCC5 Threshold Voltage
vs Temperature
(LTC1727-5/LTC1728-5)
VCC3 Threshold Voltage
vs Temperature
(All But LTC1728-1.8)
TEMPERATURE (
°C)
–60
3.135
3.125
3.115
3.105
3.095
3.085
3.075
3.065
3.055
3.045
3.035
–20
20
40
1727/28 G11
–40
0
60
80
100
TEMPERATURE (
°C)
–60
4.675
4.700
4.750
4.725
0
40
100
1727/28 G12
4.650
4.625
4.600
–40 –20
20
60
80
TEMPERATURE (
°C)
–60
0.5
0.6
0.8
0.9
1.0
1.5
1.2
–20
20
40
1727/28 G13
0.7
1.3
1.4
1.1
–40
0
60
80
100
VCC3 = 3V
VCC18 = 1.8V
VCCA = 3V
VCC3 Threshold Voltage
vs Temperature (LTC1728-1.8)
VCC18 Threshold Voltage
vs Temperature (LTC1728-1.8)
IVCC3 vs Temperature
(LTC1728-1.8)
IVCC18 vs Temperature
(LTC1728-1.8)
TEMPERATURE (
°C)
–60
5
6
8
9
10
15
12
–20
20
40
1727/28 G14
7
13
14
11
–40
0
60
80
100
VCC3 = 3V
VCC18 = 1.8V
VCCA = 3V
TEMPERATURE (
°C)
–60
1.650
1.660
1.670
1.680
1.690
–20
20
60
100
1727/28 G15
1.700
1.710
–40
0
40
80
TEMPERATURE (
°C)
–60
2.845
2.835
2.825
2.815
2.805
2.795
2.785
2.775
2.765
–20
20
40
1727/28 G16
–40
0
60
80
100


Similar Part No. - LTC1727EMS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1727EMS8-5 LINER-LTC1727EMS8-5 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
More results

Similar Description - LTC1727EMS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728ES5-3.3 LINER-LTC1728ES5-3.3 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326IMS8-PBF LINER-LTC1326IMS8-PBF Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1985-1.8 LINER-LTC1985-1.8_15 Datasheet
146Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1326 LINER-LTC1326 Datasheet
303Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
140Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1326 LINER-LTC1326_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com