Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1727 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1727
Description  Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1727 Datasheet(HTML) 2 Page - Linear Technology

  LTC1727 Datasheet HTML 1Page - Linear Technology LTC1727 Datasheet HTML 2Page - Linear Technology LTC1727 Datasheet HTML 3Page - Linear Technology LTC1727 Datasheet HTML 4Page - Linear Technology LTC1727 Datasheet HTML 5Page - Linear Technology LTC1727 Datasheet HTML 6Page - Linear Technology LTC1727 Datasheet HTML 7Page - Linear Technology LTC1727 Datasheet HTML 8Page - Linear Technology LTC1727 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1727/LTC1728
A
G
A
U
A
R
BSOLUTEXI
TI
S
VCC3, VCC5/VCC25/VCC18, VCCA ................... – 0.3V to 7V
RST ........................................................... – 0.3V to 7V
COMPA, COMP3, COMP25/COMP5
(MS8 and SO-8 Only) ............................ – 0.3V to 7V
Operating Temperature Range
(Note 3) ............................................. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER
PART NUMBER
LTC1727EMS8-2.5
LTC1727EMS8-5
MS8
PART MARKING
Consult factory for Military grade parts.
TJMAX = 125°C, θJA = 250°C/W
TJMAX = 125°C, θJA = 200°C/W
(Notes 1, 2)
1
2
3
4
VCC3
VCC5/VCC25
VCCA
GND
8
7
6
5
COMP3
COMP25/COMP5
RST
COMPA
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
RST 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
VCCA 3
5 VCC3
4
VCC5/
VCC25/
VCC18
1
2
3
4
8
7
6
5
TOP VIEW
COMP3
RST
COMPA
VCC3
VCCA
GND
S8 PACKAGE
8-LEAD PLASTIC SO
COMP25/
COMP5
VCC5/
VCC25
TJMAX = 125°C, θJA = 150°C/W
ORDER
PART NUMBER
LTC1727ES8-2.5
LTC1727IS8-2.5
LTC1727ES8-5
LTC1727IS8-5
LTHY
LTHX
S8
PART MARKING
172725
727I25
17275
1727I5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT3
Reset Threshold VCC3
VCC3 Input Threshold
q
3.036
3.086
3.135
V
VRT5
Reset Threshold VCC5
VCC5 Input Threshold (5V Version)
q
4.600
4.675
4.750
V
VRT25
Reset Threshold VCC25
VCC25 Input Threshold (2.5V Version)
q
2.300
2.338
2.375
V
VRTA
Reset Threshold VCCA
VCCA Input Threshold
q
0.985
1.000
1.015
V
VCCOP
VCC3, VCC5/VCC25 Operating Voltage
RST, COMP3, COMP5, COMP25 in Correct Logic State
q
17
V
VCCOPA
VCC3, VCC5/VCC25 Operating Voltage
Minimum Supply Voltage to Guarantee COMPA
q
2
2.3
V
in Correct Logic State
IVCC3
VCC3 Supply Current
VCC5/VCC25 > VCC3
q
12
µA
VCC5/VCC25 < VCC3, VCC3 = 3.3V (Note 4)
q
10
20
µA
IVCC25
VCC25 Supply Current
VCC25 < VCC3, VCC25 = 2.5V (Note 4)
q
12
µA
IVCC5
VCC5 Supply Current
VCC5 = 5V, VCC3 < VCC5
q
10
20
µA
IVCCA
VCCA Input Current
VCCA = 1V
q
–15
0
15
nA
tRST
Reset Pulse Width
RST Low with 10k Pull-Up to VCC3 (Note 5)
q
140
200
280
ms
All except LTC1728-1.8. The q denotes specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VCC3 = 3.3V, VCC5 = 5V, VCC25 = 2.5V, VCCA = VCC3 unless
otherwise noted.
ORDER
PART NUMBER
LTC1728ES5-1.8
LTC1728ES5-2.5
LTC1728ES5-5
S5
PART MARKING
LTPH
LTIA
LTHZ
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC1727

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC1727 LINER-LTC1727 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC1727 LINER-LTC1727 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1727 LINER-LTC1727 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727-2.5 LINER-LTC1727-2.5 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC1727

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728ES5-3.3 LINER-LTC1728ES5-3.3 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326IMS8-PBF LINER-LTC1326IMS8-PBF Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1985-1.8 LINER-LTC1985-1.8_15 Datasheet
146Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1326 LINER-LTC1326 Datasheet
303Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
140Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1326 LINER-LTC1326_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com