Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM40N03PQ56 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM40N03PQ56
Description  30V N-Channel Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM40N03PQ56 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM40N03PQ56_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM40N03PQ56_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM40N03PQ56_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM40N03PQ56_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TSM40N03PQ56
30V N-Channel Power MOSFET
2/4
Version: A12
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
30
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 19A
RDS(ON)
--
3.5
4.5
VGS = 4.5V, ID = 16A
--
4.6
5.8
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
1.15
--
2.2
V
Zero Gate Voltage Drain Current
VDS = 24V, VGS = 0V
IDSS
--
--
1
µA
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Dynamic
Total Gate Charge
VDS = 15V, ID = 19A,
VGS = 4.5V
Qg
--
12
--
nC
Gate-Source Charge
Qgs
--
5.4
--
Gate-Drain Charge
Qgd
--
4.6
--
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1.0MHz
Ciss
--
1700
--
pF
Output Capacitance
Coss
--
350
--
Reverse Transfer Capacitance
Crss
--
140
--
Switching
Turn-On Delay Time
VGS = 4.5V, VDS = 15V,
RG = 1Ω
td(on)
--
25
--
ns
Turn-On Rise Time
tr
--
20
--
Turn-Off Delay Time
td(off)
--
25
--
Turn-Off Fall Time
tf
--
15
--
Drain-Source Diode Characteristics and Maximum Rating
Drain-Source Diode Forward
Voltage
VGS=0V, IS=10A
VSD
--
0.8
1.2
V
Reverse Recovery Time
IS = 10A, TJ=25
oC
dI/dt = 100A/µs
tfr
--
25
--
ns
Reverse Recovery Charge
Qfr
--
17
--
nC
Notes:
1. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2%.
2. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal
reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by design while RθCA
is determined by the user's board design. RθJA shown below for single device operation on FR-4 in still air
3. The maximum current rating is limited by package.


Similar Part No. - TSM40N03PQ56_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM40N03PQ56 TSC-TSM40N03PQ56 Datasheet
93Kb / 4P
   30V N-Channel Power MOSFET
More results

Similar Description - TSM40N03PQ56_14

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
   30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
   30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
   30V N-Channel Power MOSFET
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
   30V N-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
   30V N-Channel Power MOSFET
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
   30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
   30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
   30V N-Channel Power MOSFET
TSM180N03PQ33 TSC-TSM180N03PQ33 Datasheet
466Kb / 5P
   30V N-Channel Power MOSFET
TSM240N03CX TSC-TSM240N03CX Datasheet
416Kb / 5P
   30V N-Channel Power MOSFET
TSM500N03 TSC-TSM500N03 Datasheet
388Kb / 5P
   30V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com