Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1726 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1726
Description  Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1726 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1726 Datasheet HTML 2Page - Linear Technology LTC1726 Datasheet HTML 3Page - Linear Technology LTC1726 Datasheet HTML 4Page - Linear Technology LTC1726 Datasheet HTML 5Page - Linear Technology LTC1726 Datasheet HTML 6Page - Linear Technology LTC1726 Datasheet HTML 7Page - Linear Technology LTC1726 Datasheet HTML 8Page - Linear Technology LTC1726 Datasheet HTML 9Page - Linear Technology LTC1726 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1726
VCC Monitor Timing
BANDGAP
REFERENCE
ADJUSTABLE
RESET
PULSE
GENERATOR
TRANSITION DETECT
1
5
7
VCC3
WDI
2
VCC5/VCC25
3
VCCA
4
GND
1V
1726 BD
6
RST
2
µA
22
µA
6
µA
VCC3
VCC3
VCC5/VCC25
VCC
INTERNAL
WT
WATCHDOG
TIMER
POWER
DETECT
8
RT
CRT
+
2
µA
22
µA
CWT
+
Watchdog Timing Diagram
tRT
1726 TD01
VRTX
VCCX
RST
tWP
tWT
tRT
tWT
1726 TD02
WDI
RST
tRT
PI FU CTIO S
RT (Pin 8): Reset Time-Out Input. Place a capacitor
between this pin and ground to adjust the reset time-out
period. To determine the reset time-out period:
tRT = 3.30 • CRT
with tRT in µs and CRT in pF. As an example, a 47nF
capacitor will generate a 155ms watchdog time-out
period.
BLOCK DIAGRA
TI I G DIAGRA S


Similar Part No. - LTC1726

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC1726 LINER-LTC1726 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726-2.5 LINER-LTC1726-2.5 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC1726

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com