Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZT2222A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DZT2222A
Description  NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT2222A Datasheet(HTML) 2 Page - Diodes Incorporated

  DZT2222A_15 Datasheet HTML 1Page - Diodes Incorporated DZT2222A_15 Datasheet HTML 2Page - Diodes Incorporated DZT2222A_15 Datasheet HTML 3Page - Diodes Incorporated DZT2222A_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30481 Rev. 5 - 2
2 of 4
www.diodes.com
DZT2222A
© Diodes Incorporated
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Conditions
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
75
V
IC = 10μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
6
V
IE = 10μA, IC = 0
10
nA
VCB = 50V, IE = 0
Collector Cut-Off Current
ICBO
10
μA VCB = 50V, IE = 0, TA = 150°C
Emitter Cut-Off Current
IEBO
10
nA
VEB = 3V, IC = 0
Collector-Emitter Cut-Off Current
ICEX
10
nA
VCE = 60V, VEB(off) = 3V
ON CHARACTERISTICS (Note 4)
0.3
V
IC = 150mA, IB = 15mA
Collector-Emitter Saturation Voltage
VCE(SAT)
1.0
V
IC = 500mA, IB = 50mA
0.6
1.2
V
IC = 150mA, IB = 15mA
Base-Emitter Saturation Voltage
VBE(SAT)
2.0
V
IC = 500mA, IB = 50mA
35
IC = 0.1mA, VCE = 10V
50
IC = 1mA, VCE = 10V
75
IC = 10mA, VCE = 10V
35
IC = 10mA, VCE = 10V, TA = -55°C
100
300
IC = 150mA, VCE = 10V
50
IC = 150mA, VCE = 1V
DC Current Gain
hFE
40
V
IC = 500mA, VCE = 10V
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
300
MHz IC = 20mA, VCE = 20V, f = 100MHz
Output Capacitance
Cobo
8
pF
VCB = 10V, IE = 0, f = 1MHz
Input Capacitance
Cibo
25
pF
VEB = 0.5V, IC = 0, f = 1MHz
SWITCHING CHARACTERISTICS
Delay Time
td
10
ns
Rise Time
tr
25
ns
VCE = 30V, VEB(off) = 0.5V, IC = 150mA, IB1 = 15mA
Storage Time
ts
225
ns
Fall Time
tf
60
ns
VCE = 30V, IC = 150mA, IB1 = IB2 = 15mA
Notes:
4. Measured under pulsed conditions. Pulse width = 300
μS. Duty Cycle, d< = 2%.
R
= 125°C/W
θJA
V
, COLLECTOR EMITTER VOLTAGE (V)
CE


Similar Part No. - DZT2222A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT2222A-13 DIODES-DZT2222A-13 Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30481 Rev. 5 - 2
More results

Similar Description - DZT2222A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD1621T DIODES-2DD1621T Datasheet
211Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com