Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1682IS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1682IS8
Description  Doubler Charge Pumps with Low Noise Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1682IS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1682IS8 Datasheet HTML 4Page - Linear Technology LTC1682IS8 Datasheet HTML 5Page - Linear Technology LTC1682IS8 Datasheet HTML 6Page - Linear Technology LTC1682IS8 Datasheet HTML 7Page - Linear Technology LTC1682IS8 Datasheet HTML 8Page - Linear Technology LTC1682IS8 Datasheet HTML 9Page - Linear Technology LTC1682IS8 Datasheet HTML 10Page - Linear Technology LTC1682IS8 Datasheet HTML 11Page - Linear Technology LTC1682IS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1682/LTC1682-3.3/LTC1682-5
APPLICATIONS INFORMATION
General Layout Considerations
Due to the high switching frequency and high transient
currents produced by the device, careful board layout is a
must. A clean board layout using a ground plane and short
connections to all capacitors will improve noise perfor-
mance and ensure proper regulation (Figure 5).
The FILT pin on the LTC1682-3.3/LTC1682-5 is a high
impedance node. Leakage currents at this pin must be
minimized.
Measuring Output Noise
Measuring the LTC1682 low noise levels requires care.
Figure 6 shows a test setup for taking the measurement.
Good connection and signal handling technique should
yield about 500
µVP-P over a 2.5MHz bandwidth. The noise
measurement involves AC coupling the LTC1682 output
into the test setup’s input and terminating this connection
with 50
Ω. Coaxial connections must be maintained to
preserve measurement integrity.
Power-On Reset
Upon initial power-up, a power-on reset circuit ensures
that the internal functions are correctly initialized when
power is applied. Once VIN reaches approximately 1V, the
power-on reset circuit will enable the part as long as the
SHDN pin is held high.
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125
°C). The
device power dissipation PD = IOUT(2VIN – VOUT) +
VIN(4mA). The device dissipates the majority of its heat
through its pins, especially GND (Pin 4). Thermal resis-
tance to ambient can be optimized by connecting GND to
a large copper region on the PCB, which serves as a heat
sink. Applications which operate the LTC1682 near maxi-
mum power levels should maximize the copper area at all
pins except C+, Cand FILT/FB and ensure that there is
some airflow over the part to carry away excess heat.
1
2
3
4
LTC1682-3.3/5
8
7
6
5
C1
VOUT
VIN
1682 F05
C3
C2
GND
SHDN
C4
CFILT
LTC1682
DEMO
BOARD
OSCILLOSCOPE
BANDWIDTH
FILTER
CONNECT BNC AND
RLOAD GROUND TO THE
OUTPUT CAPACITOR
GROUND TERMINAL E5
PLACE COUPLING
CAPACITOR IN SHIELDED
BOX WITH COAXIAL
CONNECTOR
COUPLING
CAPACITOR
BNC CABLES
OR COUPLERS
BATTERY OR
LOW NOISE DC
POWER SUPPLY
VOUT
RLOAD
R*
R*
*50
Ω TERMINATIONS
HP-11048C OR
EQUIVALENT
R*
NOTE: KEEP BNC CONNECTIONS
AS SHORT AS POSSIBLE
PLACE BANDWIDTH FILTER
COMPONENTS IN SHIELDED BOX
WITH COAXIAL CONNECTORS
PREAMPLIFIER
1822
INPUT
1682 F06
20dB
Figure 6. LTC1682 Noise Measurement Test Setup
Figure 5


Similar Part No. - LTC1682IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1682 LINER-LTC1682 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-5 LINER-LTC1682-5 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
More results

Similar Description - LTC1682IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
   Doubler Charge Pumps with Low Noise Linear Regulator
LTC1928-5 LINER-LTC1928-5 Datasheet
157Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
LTC1928-5 LINER-LTC1928-5_15 Datasheet
166Kb / 8P
   Doubler Charge Pump with Low Noise Linear Regulator in ThinSOT
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
logo
California Micro Device...
CM3702 CALMIRCO-CM3702 Datasheet
445Kb / 11P
   Micropower Low-Noise Charge-Pump and Linear Regulator
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
   Low Noise Charge Pump/Linear Regulator LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com