Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB157S Datasheet(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

Part # DB157S
Description  Surface Mount Bridge-Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

DB157S Datasheet(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  DB157S Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd DB157S Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
特性曲线 Characteristic Curves
大昌电子
DACHANG ELECTRONICS
0
255075
100 125 150 175
1.8
1.5
1.2
0.9
0.6
0.3
0
0.001
0.01
0.1
1.0
10
1.0
1.2
1.4
1
2
4 6
10
20
40
100
40
30
20
10
0
正向特性曲线(典型值)
正向电压
VF(V)
环境温度 Ta(
°C)
通过电流的周期
浪涌特性曲线(最大值)
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
正向电流降额曲线
Tj = 25°C
0.8
0.6
50
DB151S ...... DB157S


Similar Part No. - DB157S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB157S RECTRON-DB157S Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
DB157S DYELEC-DB157S Datasheet
2Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Kingtronics Internation...
DB157S KINGTRONICS-DB157S Datasheet
216Kb / 18P
   BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
DB157S YIXIN-DB157S Datasheet
170Kb / 2P
   SURFACE MOUNT
logo
MAKO SEMICONDUCTOR CO.,...
DB157S MAKOSEMI-DB157S Datasheet
98Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DB157S

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
   Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
   Surface Mount Bridge-Rectifier
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
   SURFACE MOUNT BRIDGE RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
MB05 MAKOSEMI-MB05 Datasheet
165Kb / 2P
   Surface Mount Bridge Rectifier
MB8F MAKOSEMI-MB8F Datasheet
165Kb / 2P
   Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
   Surface Mount Bridge-Rectifier
logo
GUANGDONG HOTTECH INDUS...
DB101S HOTTECH-DB101S Datasheet
160Kb / 2P
   Surface Mount Bridge Rectifier
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S_13 Datasheet
91Kb / 5P
   Surface Mount Bridge Rectifier
Revision: 19-Aug-13
logo
MAKO SEMICONDUCTOR CO.,...
MB2F MAKOSEMI-MB2F Datasheet
165Kb / 2P
   Surface Mount Bridge Rectifier
MB4F MAKOSEMI-MB4F Datasheet
165Kb / 2P
   Surface Mount Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com